Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSV63X Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSV63X
Description  Dual and quad, rail-to-rail input/output, 60 μA, 880 kHz operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV63X Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSV63X Datasheet HTML 10Page - STMicroelectronics TSV63X Datasheet HTML 11Page - STMicroelectronics TSV63X Datasheet HTML 12Page - STMicroelectronics TSV63X Datasheet HTML 13Page - STMicroelectronics TSV63X Datasheet HTML 14Page - STMicroelectronics TSV63X Datasheet HTML 15Page - STMicroelectronics TSV63X Datasheet HTML 16Page - STMicroelectronics TSV63X Datasheet HTML 17Page - STMicroelectronics TSV63X Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Application information
TSV632, TSV632A, TSV633, TSV633A, TSV634,
TSV634A, TSV635, TSV635A
14/31
DocID15688 Rev 6
4
Application information
4.1
Operating voltages
The TSV63x and TSV63xA can operate from 1.5 to 5.5 V. Their parameters are fully
specified for 1.8 V, 3.3 V, and 5 V power supplies. However, the parameters are very
stable in the full VCC range and several characterization curves show the TSV63x and
TSV63xA characteristics at 1.5 V. Additionally, the main specifications are guaranteed in
extended temperature ranges from -40 °C to 125 °C.
4.2
Rail-to-rail input
The TSV63x and TSV63xA are built with two complementary PMOS and NMOS input
differential pairs. The devices have a rail-to-rail input and the input common mode range is
extended from (VCC-) - 0.1 V to (VCC+) + 0.1 V. The transition between the two pairs appears
at (VCC+) - 0.7 V. In the transition region, the performance of CMRR, PSRR, Vio
(Figure 16 and Figure 17), and THD is slightly degraded.
Figure 16: Input offset voltage vs input common mode
voltage at VCC = 1.5 V
Figure 17: Input offset voltage vs input common mode
voltage at VCC = 5 V
The devices are guaranteed without phase reversal.
4.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: 35 mV maximum above
and below the rail when connected to a 10
kΩ resistive load to V
CC/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com