Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AIF Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AIF
Description  Up to 1600 W output power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AIF Datasheet(HTML) 1 Page - Artesyn Technologies

  AIF Datasheet HTML 1Page - Artesyn Technologies AIF Datasheet HTML 2Page - Artesyn Technologies AIF Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AIF - PFC Series
1600 Watts
Total Power: 1600 Watts
120 - 370 VDC
(Configurable)
Input Voltage: 85 - 264 VAC
# of Outputs: Single
SPECIAL FEATURES
ƒ
Unity power factor
ƒ
High efficiency - up to 95%
ƒ
Universal input voltage and
frequency range
ƒ
Up to 1600 W output power
ƒ
Positive and Negative enable
function
ƒ
Parallelable with accurate current
sharing
ƒ
<10% harmonic distortion conform-
ing to IEC1000-3-2 Compliance
ƒ
100°C baseplate operating
temperature
ƒ
DC Input option
ƒ
Power fail warning signal
ƒ
Enable output to control DC-DC
Converter
ƒ
EEPROM data storage via I2C
Interface
ƒ
External inrush current limited
protection
ƒ
Power density up to 290 W/in3
ƒ
Two year warranty
SAFETY
ƒ
UL
60950 Recognized
ƒ
cUL
60950 Recognized
ƒ
TUV
EN60950 Licensed
Electrical Specifications
Input
Input range
85 - 264 Vac / 120 - 370 Vdc (configurable)
Input surge
290 Vac / 1s
Input Frequency
50/60 Hz
Efficiency
95% @ 230 Vac, 1600 W (typical)
Total Harmonic Distortion
Less than 10%
Power Factor
0.99 typical (Po ± 500 W); 0.97 typical (Po ± 1000 W)
Output
Output Voltage
380V typical (Io =4.2 A / Vi > 180 Vac); 393 V typical (Io = 0A)
Note: Vin peak must always be lower than Vout
Current Share Accuracy
10% max
Overvoltage Protection
430 max
Power Limit for AC input
for DC input
Vin = 85 Vac, Pmax = 1000W; Vin = 230 Vac, Pmax = 1600W Case;
Vin = 370 Vdc, Pmax =1600W
Control
Power Fail Warning
Direct drive output to opto-isolator
Power Fail Warning Adjust
195 to 355 Vdc adjustable
LD Enable
Direct drive output to opto-isolator
PFC Enable
TTL compatiable
Voltage Adjust
76% to 100% Vo
DC Input Enable
Clock Input (external sync)
6 Vp-p typical @ 1 MHz ± 5%
Clock Output (int. clock)
6 Vp-p typical @ 1 MHz ± 5%
Temperature Monitor Output 10 mV/°C
Current Monitor Output
0 to 1 mA (1 mA = 4.2 A output)
I2C Interface
Notes: Nominal values apply with sense pins disconnected and other control pin unconnected.
Data Sheet


Similar Part No. - AIF

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AIF EMERSON-NETWORKPOWER-AIF Datasheet
139Kb / 2P
600W Continuous power at 100째C baseplate temperature
logo
Astec America, Inc
AIF-PFC ASTEC-AIF-PFC Datasheet
1Mb / 31P
AC-DC Converter Module
logo
Advanced Energy Industr...
AIF-PFC ADVANCEDENERGY-AIF-PFC Datasheet
533Kb / 5P
1600 Watts
logo
Emerson Network Power
AIF-PFCSERIES EMERSON-NETWORKPOWER-AIF-PFCSERIES Datasheet
144Kb / 2P
Unity power factor
logo
Astec America, Inc
AIF04ZPFC-01 ASTEC-AIF04ZPFC-01 Datasheet
117Kb / 2P
1600 Watts
More results

Similar Description - AIF

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
224Kb / 5P
AC-DC POWER SUPPLY up to 25 W continuous output
VHB350-D48-S24 CUI-VHB350-D48-S24 Datasheet
216Kb / 4P
up to 350 W isolated output
logo
Nell Semiconductor Co.,...
255PT NELLSEMI-255PT Datasheet
834Kb / 3P
Voltage rating up to 1600 V
340PT NELLSEMI-340PT Datasheet
456Kb / 3P
Voltage rating up to 1600 V
logo
XP Power Limited
DSF226 XPPOWER-DSF226 Datasheet
90Kb / 2P
Up to 200 W Output Power
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
Output Power up to 1500 W
logo
List of Unclassifed Man...
MDL200 ETC2-MDL200 Datasheet
4Mb / 6P
Power range up to 2400 W
logo
Vicor Corporation
BCM384Y120X1K5AC1 VICOR-BCM384Y120X1K5AC1 Datasheet
2Mb / 23P
Up to 1500 W continuous output power
logo
CUI INC
SWI25-E CUI-SWI25-E Datasheet
439Kb / 4P
up to 25.2 W continuous power
PBK-3 CUI-PBK-3 Datasheet
746Kb / 9P
up to 3 W continuous output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com