Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AIF Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AIF
Description  Up to 1600 W output power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AIF Datasheet(HTML) 2 Page - Artesyn Technologies

  AIF Datasheet HTML 1Page - Artesyn Technologies AIF Datasheet HTML 2Page - Artesyn Technologies AIF Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AIF-PFC Series Data Sheet
Environmental Specifications
Operating temperature
-20 °C to +100 °C (baseplate temperature)
Startup temperature
-40 °C to +100 °C (baseplate temperature)
Storage temperature
-40 °C to +120 °C
Overtemperature protection
120 °C max
MTBF
1million hours
Ordering Information
Model Number
Description
Notes
AIF04ZPFC-01L 1600 W Low Profile PC Module
For parallel operation the total input current must be <16Arms.
AIF04ZPFC-02L 1600 W Low Profile PC Module
Designed for parallel operation where the total input current >16Arms, requires external
rail rectifiers.
AIF04ZPFC-01NL
Negative Enable
AIF04ZPFC-01NL
Negative Enable
1. Fon Non-thread hole, add suffix “-NT”.
Pin Assignments
Input (AC)
Output
Control Pins
31. L1
21. Positive
1. PV Aux -
32. L1
22. Positive
2. Temp Mon
33. L2
23. Negative
3. C Mon
34. L2
24. Negative
4. C Share
5. Clk Out
6. Clk In
7. PV Aux +
8. SDA
9. SCL
10. DC Enable
11. V Adj
12. PFW Adj
13. S Gnd
14. PFW
15. LD Enable
16. PF Enable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com