Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS49DV8 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS49DV8
Description  32-bit Dual Audio DSP Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49DV8 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS49DV8 Datasheet HTML 22Page - Cirrus Logic CS49DV8 Datasheet HTML 23Page - Cirrus Logic CS49DV8 Datasheet HTML 24Page - Cirrus Logic CS49DV8 Datasheet HTML 25Page - Cirrus Logic CS49DV8 Datasheet HTML 26Page - Cirrus Logic CS49DV8 Datasheet HTML 27Page - Cirrus Logic CS49DV8 Datasheet HTML 28Page - Cirrus Logic CS49DV8 Datasheet HTML 29Page - Cirrus Logic CS49DV8 Datasheet HTML 30Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
27
Copyright 2008 Cirrus Logic, Inc.
DS868PP2
CS49DV8C Data Sheet
32-bit Audio DSP Family
6. Ordering Information
The CS49DV8C family part number is described as follows:
CS49DVNNI-XYZ
where
NN
- Product Number Variant
I
- ROM ID Number
X
- Product Grade
Y
- Package Type
Z
- Lead (Pb) Free
7. Environmental, Manufacturing, and Handling Information
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Table 4. Ordering Information
Part No.
Grade
Temp. Range
Container
Package
CS49DV8C-CVZ
Commercial
0 to +70 °C
Tray
128-pin LQFP
CS49DV8C-CVZR
Commercial
0 to +70 °C
Reel
Table 5. Environmental, Manufacturing, and Handling Information
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS49DV8C-CVZ
260 °C
3
7 Days
CS49DV8C-CVZR
260 °C
3
7 Days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com