Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS49DV8 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS49DV8
Description  32-bit Dual Audio DSP Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49DV8 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS49DV8 Datasheet HTML 22Page - Cirrus Logic CS49DV8 Datasheet HTML 23Page - Cirrus Logic CS49DV8 Datasheet HTML 24Page - Cirrus Logic CS49DV8 Datasheet HTML 25Page - Cirrus Logic CS49DV8 Datasheet HTML 26Page - Cirrus Logic CS49DV8 Datasheet HTML 27Page - Cirrus Logic CS49DV8 Datasheet HTML 28Page - Cirrus Logic CS49DV8 Datasheet HTML 29Page - Cirrus Logic CS49DV8 Datasheet HTML 30Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
DS868PP2
Copyright 2008 Cirrus Logic, Inc.
29
CS49DV8C Data Sheet
32-bit Audio DSP Family
9. Package Mechanical Drawings
9.1 128-Pin LQFP Package
Figure 16. 128-Pin LQFP Package Drawing
D1
D
E1
E
1
e
L
∝
b
A1
A
Table 6. 128-Pin LQFP Package Characteristics
DIM
MILLIMETERS
INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
---
---
1.60
---
---
.063”
A1
0.05
---
0.15
.002”
---
.006”
b
0.17
0.22
0.27
.007”
.009”
.011”
D
22.00 BSC
.866”
D1
20.00 BSC
.787”
E
16.00 BSC
.630”
E1
14.00 BSC
.551”
e
0.50 BSC
.020”
q
0°
3.5
7°
0°
3.5
7°
L
0.45
0.60
0.75
.018”
.024”
.030”
L1
1.00 REF
.039” REF
TOLERANCES OF FORM AND POSITION
ddd
0.08
.003”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com