Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8232 Datasheet(PDF) 31 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 27Page - Cirrus Logic WM8232 Datasheet HTML 28Page - Cirrus Logic WM8232 Datasheet HTML 29Page - Cirrus Logic WM8232 Datasheet HTML 30Page - Cirrus Logic WM8232 Datasheet HTML 31Page - Cirrus Logic WM8232 Datasheet HTML 32Page - Cirrus Logic WM8232 Datasheet HTML 33Page - Cirrus Logic WM8232 Datasheet HTML 34Page - Cirrus Logic WM8232 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 141 page
background image
WM8232
Rev 4.6
31
LVDS SYNCHRONOUS OUTPUT
The LVDS synchronous output function can be used in LVDS 16-bit 5pair mode, 10-bit 3pair mode
and 12-bit 4 pair mode. In these LVDS output mode, the output data packet cycle is not same as
MCLK clock period, so that the output data at pixel counter = 0 will not be same format when the line
length is odd number.
If OUTSYNC = 1, the LVDS output format will be synchronized to pixel counter = 0.
When the line length is even number, the output data at pixel counter = 0 will be always same format,
so that the OUTSYNC is invalid. Also, the OUTSYNC is invalid in other LVDS and CMOS format. The
following shows detailed information of this mode.
Odd number line length
In odd number line length operation, the output data at pixel counter = 0 will not be same format as
shown in Figure 17. When set the OUTSYNC register, the LVDS output format will be synchronized to
pixel counter = 0 as shown in Figure 18 below.
0
1
2
Last pixel
0
1
2
Last pixel
0
1
Pix counter
LVDS
data output
Odd number line length, OUTSYNC = 0
Line 0
Line 1
Line 2
A
B
C
A
B
A
B
C
C
A
B
C
A
A
B
C
C
B
Figure 17 LVDS output data cycle (odd number line length, OUTSYNC=0)
0
1
2
Last pixel
0
1
2
Last pixel
0
1
Pix counter
LVDS
data output
Odd number line length, OUTSYNC = 1
Line 0
Line 1
Line 2
A
B
C
A
B
A
B
A
B
C
C
A
A
B
A
A
B
C
Figure 18 LVDS output data cycle (odd number line length, OUTSYNC=1)
Even number line length
When the line length is even number, the output data at pixel counter = 0 will be always same format,
so that the OUTSYNC is invalid.
0
1
2
Last pixel
0
1
2
Last pixel
0
1
Pix counter
LVDS
data output
Line 0
Even number line length (OUTSYNC is invalid)
Line 1
Line 2
A
B
C
A
B
B
C
A
B
C
A
B
B
C
A
B
C
Figure 19 LVDS output data cycle (even number line length)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com