Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8232 Datasheet(PDF) 37 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 33Page - Cirrus Logic WM8232 Datasheet HTML 34Page - Cirrus Logic WM8232 Datasheet HTML 35Page - Cirrus Logic WM8232 Datasheet HTML 36Page - Cirrus Logic WM8232 Datasheet HTML 37Page - Cirrus Logic WM8232 Datasheet HTML 38Page - Cirrus Logic WM8232 Datasheet HTML 39Page - Cirrus Logic WM8232 Datasheet HTML 40Page - Cirrus Logic WM8232 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 141 page
background image
WM8232
Rev 4.6
37
TG PULSE
The WM8232 can generate 8 TG pulses internally (PO0
– PO7). These pulses are generated by the
toggle point setting registers (TP*) and polarity setting registers (POL*_PO*). WM8232 provided up to
32 toggle point by using TP0 to TP31. PO0-PO7 signals can be assigned to CLK2-CLK11 by
SEL_PCK* and SEL_CLK* register.
TRIGGER DATA
The WM8232 can implement trigger data in LVDS output.(S0,S1,S2,S3 and S4) This can be selected
by two methods. One is the FLAGPIX register which can be set one pixel for each line. The other is to
apply a PO* pulse. Figure 24 shows the trigger data implementation timing.
CHANNEL ID
Also WM8232 can implement channel identification data instead of trigger data. Table 13 shows the
matrix of input channel and channel ID.
ID[1]
ID[0]
IN1
0
1
IN2
1
0
IN3
1
1
Table 13 Channel ID
Channel ID can be assigned to flag data (S0, S1, S2, S3 or S4). The following is the example of
channel ID assignment.
Example: Assigned channel ID to flag data as ID[1]=S2, ID[0]=S3.
If output data is as follows, channel ID will be IN1. (i.e. ID[1]=S2=0, ID[0]=S3=1)
A
D5
S0
S1
S2
IN1[0]
IN1[1]
IN1[2]
IN1[3]
D4
IN1[4]
IN1[5]
IN1[6]
IN1[7]
IN1[8]
S3
D3
S4
IN2[0]
IN2[1]
IN2[2]
IN2[3]
IN2[4]
IN2[5]
D2
IN2[6]
IN2[7]
IN2[8]
IN2[9]
IN3[0]
IN3[1]
IN3[2]
D1
IN3[3]
IN3[4]
IN3[5]
IN3[6]
IN3[7]
IN3[8]
IN3[9]
DCLK
H
H
L
L
L
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com