Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP7685EB Datasheet(PDF) 3 Page - Exar Corporation

Part # SP7685EB
Description  1.2A Buck/Boost Charge Pump LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7685EB Datasheet(HTML) 3 Page - Exar Corporation

  SP7685EB Datasheet HTML 1Page - Exar Corporation SP7685EB Datasheet HTML 2Page - Exar Corporation SP7685EB Datasheet HTML 3Page - Exar Corporation SP7685EB Datasheet HTML 4Page - Exar Corporation SP7685EB Datasheet HTML 5Page - Exar Corporation SP7685EB Datasheet HTML 6Page - Exar Corporation SP7685EB Datasheet HTML 7Page - Exar Corporation SP7685EB Datasheet HTML 8Page - Exar Corporation SP7685EB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Date: 6/20/06 Rev T
SP7685, 1.2A Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
PIN DESCRIPTION
PIN
NUMBER
PIN NAME
DESCRIPTION
1VIN
Input Voltage for the charge pump. Decouple with
4.7µF ceramic capacitor close to the pins of the IC.
2C1
Positive input for the external flying capacitor. Connect
a ceramic 1µF capacitor close to the pins of the IC.
3C2
Negative input for the external flying capacitor. Connect
a ceramic 1µF capacitor close to the pins of the IC.
4
FLASH
Logic input to toggle operation between FLASH and
TORCH mode. In TORCH mode FB is regulated to the
internal 50mV reference. In FLASH mode FB reference
voltage can be adjusted by changing the resistor from
RSET pin to ground. Choose the external current sense
resistor (R
SENSE
) based on desired current in TORCH
mode. This pin does not have an internal pull-up/pull-
down; do not leave this pin floating.
5EN
Shutdown control input. Connect to VIN for normal
operation, connect to ground for shutdown. This pin
does not have an internal pull-up/pull-down; do not
leave this pin floating.
6RSET
Connect a resistor from this pin to ground. When in
FLASH mode (FLASH = High) this resistor sets the
current regulation point according to the following: VFB =
RSET*14uA/5 (Flash Mode)
7FB
Feedback input for the current control loop. Connect
directly to the current sense resistor.
8SGND
Internal ground pin. Control circuitry returns current to
this pin.
9PGND
Power ground pin.
Flying capacitor current returns
through this pin.
10
VOUT
Charge Pump Output Voltage.
Decouple with an
external capacitor.
At least 1µF is recommended.
Higher capacitor values reduce output ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com