Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP7685EB Datasheet(PDF) 1 Page - Exar Corporation

Part # SP7685EB
Description  1.2A Buck/Boost Charge Pump LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7685EB Datasheet(HTML) 1 Page - Exar Corporation

  SP7685EB Datasheet HTML 1Page - Exar Corporation SP7685EB Datasheet HTML 2Page - Exar Corporation SP7685EB Datasheet HTML 3Page - Exar Corporation SP7685EB Datasheet HTML 4Page - Exar Corporation SP7685EB Datasheet HTML 5Page - Exar Corporation SP7685EB Datasheet HTML 6Page - Exar Corporation SP7685EB Datasheet HTML 7Page - Exar Corporation SP7685EB Datasheet HTML 8Page - Exar Corporation SP7685EB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Date: 6/20/06 Rev T
SP7685, 1.2A Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
SP7685
DESCRIPTION
The SP7685 is a current-regulated charge pump ideal for powering high brightness LEDs for
camera flash applications. The charge pump can be set to regulate two current levels for
FLASH and TORCH modes. The SP7685 automatically switches modes between step-up
and step-down ensuring that LED current does not depend on the forward voltage. A low
current sense reference voltage (50mV) allows the use of small 0603 current sensing
resistors. The SP7685 is offered in 10-pin DFN package.
TYPICAL APPLICATION CIRCUIT
FEATURES
■ Output Current up to 1.2A
■ Up to 94% Efficiency in Torch Mode
■ Adjustable FLASH Mode Current
■ Minimum External Components: No Inductors
■ Automatic Buck/Boost Mode Switchover
■ Wide VIN Range: 2.7V to 5.5V
■ High Frequency Operation: 2.4 MHz
■ 50mV Reference for low Loss Sensing
■ IQ < 2μA in Shutdown
■ PWM Dimming Control
■ Automatic Soft Start Limits Inrush Current
■ Overvoltage Protection on Output
■ Overcurrent/temperature Protection
■ Low Ripple and EMI
■ Ultra-low Dropout Voltage in Buck Mode
■ 2.6 Second Timeout in Flash Mode
■ Space Saving RoHS Compliant, Lead Free
Package: 10-pin 3mm x 3mm DFN
APPLICATIONS
■ White LED Torch/Flash for Cell
Phones, DSCs, and Camcorders
■ White LED Backlighting
■ Generic Lighting/Flash/Strobe
Applications
■ General Purpose High Current Boost
1.2A Buck/Boost Charge Pump LED Driver
SP7685
¤
ENABLE
TORCH/FLASH
C1
C2
FLASH
FB
PGND
SGND
RSET
VOUT
VIN
10μF
(3.0 - 4.2V)
10μF
1μF
EN
RSENSE
RSET
CIN
COUT
CFC
VIN
1A Flash
200mA Torch
PWF1 WLED
80KΩ
0.22Ω
O
SP7685
10 Pin DFN
10
9
8
7
6
VOUT
PGND
SGND
FB
RSET
1
2
3
4
5
VIN
C1
C2
FLASH
EN


Similar Part No. - SP7685EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7685EB SIPEX-SP7685EB Datasheet
513Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP7685EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
400mA Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com