Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBD4448 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBD4448
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD4448 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBD4448 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD4448 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
MMBD4448
Surface Mount Switching Diode
A
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
100
Vdc
Forward Current
IF
250
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
PD
350
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
MMBD4448 = KA3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(IR = 2.5mAdc)
V(BR)
75
—
Vdc
Reverse Voltage Leakage Current
(VR = 20 Vdc)
(VR = 75 Vdc)
IR
—
—
25
5.0
nAdc
mAdc
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CT
—
4.0
pF
Forward Voltage
(IF = 10 mAdc)
VF
—
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc) (Figure 1)
trr
—
4.0
ns
1. FR– 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
FEATURES
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance
1
ANODE
3
CATHODE
K
J
C
H
L
B S
G
V
3
1
2
D
Top View
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
1
2
3
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4448 PANJIT-MMBD4448 Datasheet
101Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
MMBD4448 WTE-MMBD4448 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Jinan Gude Electronic D...
MMBD4448 JGD-MMBD4448 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
MMBD4448 FAIRCHILD-MMBD4448 Datasheet
41Kb / 5P
High Conductance Fast Diode
logo
Diodes Incorporated
MMBD4448 DIODES-MMBD4448 Datasheet
58Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS12011 Rev. H-2
More results

Similar Description - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com