Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBD4448 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBD4448
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD4448 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBD4448 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD4448 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
MMBD4448
Surface Mount Switching Diode
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
Ω
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω Output
Pulse
Generator
50
Ω Input
Sampling
Oscilloscopes
tr
tp
t
10%
90%
IF
IR
trr
t
IR(REC) = 1.0 mA
Output Pulse
(IF = IR = 10 mA; Measured
at IR(REC) = 1.0 mA)
IF
Input Signal
Figure 1. Recovery Time Equivalent Test Circuit
Figure 2. Forward Voltage
VF, Forward Voltage (V)
1.0
10
100
0.1
Figure 3. Leakage Current
VR, Reverse Voltage (V)
10
0
1.0
0.1
0.001
0.01
10
20
30
40
50
1.0
1.2
0.2
0.4
0.6
0.8
Figure 4. Capacitance
VR, Reverse Voltage (V)
0
0.68
0.64
0.60
0.52
0.56
2.0
4.0
6.0
8.0
TA = 85°C
TA = –40°C
TA = 25°C
TA = 25°C
TA = 55°C
TA = 85°C
TA = 150°C
TA = 125°C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com