Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCG4153S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG4153S
Description  0.915 A, 20 V, RDS(on) 570 m(ohm) N Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG4153S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCG4153S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG4153S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG4153S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SCG4153S
0.915 A, 20 V, RDS(O ) 570 mΩ
Channel Enhancement MOSFET
23-Jan-2017 Rev.A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low RDS(on) Improving System Efficiency
Low Threshold Voltage ,1.5V Rated
ESD Protected Gate
Pb-Free Packages are Available
APPLICATION
Load/Power Switches
Power Supply Converter Circuits
Battery Management
Portables like Cell Phones, PDAs, Digital Cameras,
Pagers,etc
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
MAXIMUM RATINGS (T
A=25
°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±6
V
Continuous Drain Current
1
ID
0.915
A
Total Power Dissipation
1
PD
150
mW
Operating Junction & Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Thermal Resistance Ratings
Thermal Resistance Junction-ambient
1
RθJA
833
°C / W
X
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.7
0.9
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.35
M
0.25
0.35
SOT-523
Top View


Similar Part No. - SCG4153S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCG4153 SECOS-SCG4153 Datasheet
683Kb / 4P
N-Channel Enhancement Mode MOSFET
SCG4153 SECOS-SCG4153_15 Datasheet
683Kb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - SCG4153S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDN520C SECOS-SDN520C Datasheet
84Kb / 2P
N-Ch: 4.5 A, 20 V, RDS(ON) 58 m P-Ch: -4.5 A, -20 V, RDS(ON) 112 m N & P-Channel Enhancement Mode MOSFET
SMG2334NE SECOS-SMG2334NE_12 Datasheet
297Kb / 4P
3.5A , 30V , RDS(ON) 58 m N-Channel Enhancement MOSFET
SSPS922NE SECOS-SSPS922NE Datasheet
538Kb / 4P
8.2 A , 20 V , RDS(ON) 17.5 m N-Ch Enhancement Mode Power MOSFET
SSPS7330N SECOS-SSPS7330N Datasheet
612Kb / 4P
11 A , 30 V, RDS(ON) 22 m N-Ch Enhancement Mode Power MOSFET
SSPS7332N SECOS-SSPS7332N Datasheet
590Kb / 4P
짹17 A , 30 V , RDS(ON) 13.5 m N-Ch Enhancement Mode Power MOSFET
SSPS7333P SECOS-SSPS7333P Datasheet
124Kb / 2P
-10.9 A , -30 V , RDS(ON) 20 m P-Ch Enhancement Mode Power MOSFET
SCG3139K SECOS-SCG3139K Datasheet
452Kb / 3P
-0.66 A, -20 V, RDS(O%) 520 m(ohm) P Channel Enhancement MOSFET
SDT3A5N06-C SECOS-SDT3A5N06-C Datasheet
338Kb / 4P
3.5A, 60V, RDS(on) 100 m(ohm) N-Channel Enhancement Mode Power MOSFET
SDT3N03 SECOS-SDT3N03 Datasheet
343Kb / 4P
3.5A, 30V, RDS(ON) 55 m(ohm) Dual-N Enhancement Mode MOSFET
SDT6N06-C SECOS-SDT6N06-C Datasheet
617Kb / 4P
6A, 60V, RDS(on) 44 m(ohm) N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com