Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCG4153S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG4153S
Description  0.915 A, 20 V, RDS(on) 570 m(ohm) N Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG4153S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCG4153S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG4153S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG4153S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SCG4153S
0.915 A, 20 V, RDS(O ) 570 mΩ
Channel Enhancement MOSFET
23-Jan-2017 Rev.A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25
°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
V(BR)DSS
20
-
-
V
VGS=0, ID=250µA
Zero Gate Voltage Drain Current
IDSS
-
-
100
nA
VDS=16V, VGS=0
Gate-Body Leakage Current
IGSS
-
-
±1
µA
VDS=0, VGS=±4.5V
Gate Threshold Voltage
2
VGS(th)
0.45
-
1.1
V
VDS= VGS, ID=250µA
-
-
570
VGS=4.5V, ID=600mA
-
-
620
VGS=2.5V, ID=500mA
-
-
700
VGS=1.8V, ID=350mA
Drain-Source On-Resistance
2
RDS(ON)
-
-
9500
m
VGS=1.5V, ID=40mA
Forward Transfer conductance
2
gfs
-
0.5
-
S
VDS=10V, ID=400mA
Dynamic Characteristics
Input Capacitance
Ciss
-
110
-
Output Capacitance
Coss
-
16
-
Reverse Transfer Capacitance
Crss
-
12
-
pF
VDS=16V
VGS=0
f=1MHz
Total Gate Charge
Qg
-
1.82
-
Gate-Source Charge
Qgs
-
0.3
-
Gate-Drain Charge
Qgd
-
0.42
-
nC
VDS=10V
VGS=4.5V
ID=200mA
Switching Characteristics
3
Turn-On Delay Time
Td(on)
-
3.7
-
Rise Time
Tr
-
4.4
-
Turn-Off Delay Time
Td(off)
-
25
-
Fall Time
Tf
-
7.6
-
nS
VDD=10V
ID=200mA
VGS=4.5V
RGEN=10
Drain-Source Diode Characteristics
Body Diode Voltage
VSD
-
-
1.1
V
IS=0.2A,VGS=0V
Notes:
1.
Surface mounted on FR4 board using 1 in sq pad size.
2.
Pulse Test : Pulse Width=300µs, Duty Cycle=2%.
3.
Switching characteristics are independent of operating junction temperatures.
.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com