Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IDT5V928 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT5V928
Description  8 OUTPUT CLOCK GENERATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V928 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT5V928 Datasheet HTML 1Page - Integrated Device Technology IDT5V928 Datasheet HTML 2Page - Integrated Device Technology IDT5V928 Datasheet HTML 3Page - Integrated Device Technology IDT5V928 Datasheet HTML 4Page - Integrated Device Technology IDT5V928 Datasheet HTML 5Page - Integrated Device Technology IDT5V928 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
IDT5V928
8OUTPUTCLOCKGENERATOR
INDUSTRIALTEMPERATURERANGE
FEBRUARY 2003
2003
Integrated Device Technology, Inc.
DSC
5854/5
c
IDT5V928
INDUSTRIAL TEMPERATURE RANGE
8 OUTPUT
CLOCK GENERATOR
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The IDT5V928 is a low-cost, low skew, low jitter, and high-performance
clock synthesizer. It has been specially designed to interface with Gigabit
Ethernet (125MHz), Fibre CHannel (106.25MHz), and OC-3 (155.52MHz)
applications. It can be programmed to provide output frequencies ranging
from 50MHz to 160MHz, with input frequencies ranging from 6.25MHz to
80MHz.
The IDT5V928 includes an internal RC filter that provides excellent jitter
characteristics and eliminates the need for external components. When
using the optional crystal input, the chip accepts a 10 - 40MHz fundamental
mode crystal with a maximum equivalent series resistance of 50
Ω.
PH AS E
DE TE C TO R
CH A RGE
PU M P
LO OP
FILTE R
VC O
SE LE CT M O D E
Q0
S1
S0
OE
0
1
Q1
Q2
Q3
Q4
Q5
Q6
Q7
RE F
VCO DIVIDE
1/N
X2
X1
CRY STA L
OS CILLATO R
FEATURES:
• 3V to 3.6V operating voltage
• 50MHz to 160MHz output frequency range
• Input from fundamental crystal oscillator or external source
• Internal PLL feedback (loading feedback output relative to
other outputs, adjusts propagation delay between REF inputs
and outputs)
• Select inputs (S[1:0]) for FB divide selection (multiply ratio of 2,
3, 4, 4.25, 5, 6, 6.25, and 8)
• Low jitter
• PLL bypass for testing and power-down control (S1 = H, S0 = H,
powers part down <500
µµµµµA)
• Available in TSSOP package
APPLICATIONS:
• Gigabit ethernet
• Router
• Network switches
• SAN
• Instrumentation
• Fibre channel
The IDT logo is a registered trademark of Integrated Device Technology, Inc.


Similar Part No. - IDT5V928

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V925 IDT-IDT5V925 Datasheet
52Kb / 7P
PROGRAMMABLE CLOCK GENERATOR
IDT5V925BI IDT-IDT5V925BI Datasheet
835Kb / 18P
Programmable LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
IDT5V925BI RENESAS-IDT5V925BI Datasheet
414Kb / 19P
Programmable LVCMOS/LVTTL Clock Generator
March 10, 2016
logo
Integrated Device Techn...
IDT5V925QGI IDT-IDT5V925QGI Datasheet
52Kb / 7P
PROGRAMMABLE CLOCK GENERATOR
IDT5V925QI IDT-IDT5V925QI Datasheet
52Kb / 7P
PROGRAMMABLE CLOCK GENERATOR
More results

Similar Description - IDT5V928

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
SINGLE OUTPUT CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS1P2857A PULSECORE-PCS1P2857A Datasheet
374Kb / 8P
Multi-Output Clock Generator
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
Multi-Output Clock Generator
logo
Analog Devices
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
6-Output Clock Generator
REV. C
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
6-Output Clock Generator with 6-Output Clock Generator with
REV. B
logo
Asahi Kasei Microsystem...
AK8146B AKM-AK8146B Datasheet
282Kb / 6P
2-output clock generator
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
logo
Integrated Device Techn...
9FGL08 IDT-9FGL08_16 Datasheet
402Kb / 19P
8-output 3.3V PCIe Clock Generator
logo
Skyworks Solutions Inc.
SI5332 SKYWORKS-SI5332 Datasheet
1Mb / 76P
6/8/12-Output Any-Frequency Clock Generator
Revision 206453A January, 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com