Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3832 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3832
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3832 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3832 Datasheet HTML 6Page - Linear Technology LTC3832 Datasheet HTML 7Page - Linear Technology LTC3832 Datasheet HTML 8Page - Linear Technology LTC3832 Datasheet HTML 9Page - Linear Technology LTC3832 Datasheet HTML 10Page - Linear Technology LTC3832 Datasheet HTML 11Page - Linear Technology LTC3832 Datasheet HTML 12Page - Linear Technology LTC3832 Datasheet HTML 13Page - Linear Technology LTC3832 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC3832/LTC3832-1
sn3832 3832fs
remains at a reduced voltage until the overload is re-
moved. Serious overloads generate a large overdrive at
CC, allowing it to pull SS down quickly and preventing
damage to the output components. By using the RDS(ON)
of Q1 to measure the output current, the current limiting
circuit eliminates an expensive discrete sense resistor that
would otherwise be required. This helps minimize the
number of components in the high current path.
The current limit threshold can be set by connecting an
external resistor RIMAX from the IMAX pin to the main VIN
supply at the drain of Q1. The value of RIMAX is determined
by:
RIMAX = (ILMAX)(RDS(ON)Q1)/IIMAX
where:
ILMAX = ILOAD + (IRIPPLE/2)
ILOAD = Maximum load current
IRIPPLE = Inductor ripple current
= ()(
)
()()( )
VV
V
fL
V
IN
OUT
OUT
OSC
O
IN
fOSC = LTC3832 oscillator frequency = 300kHz
LO = Inductor value
RDS(ON)Q1 = On-resistance of Q1 at ILMAX
IIMAX= Internal 12µA sink current at IMAX
The RDS(ON) of Q1 usually increases with temperature. To
keep the current limit threshold constant, the internal
12
µA sink current at IMAX is designed with a positive
temperature coefficient to provide first order correction
for the temperature coefficient of RDS(ON)Q1.
In order for the current limit circuit to operate properly and
to obtain a reasonably accurate current limit threshold, the
IIMAX and IFB pins must be Kelvin sensed at Q1’s drain and
source pins. In addition, connect a 0.1
µF decoupling
capacitor across RIMAX to filter switching noise. Other-
wise, noise spikes or ringing at Q1’s source can cause the
actual maximum current to be greater than the desired
current limit set point. Due to switching noise and varia-
tion of RDS(ON), the actual current limit trip point is not
highly accurate. The current limiting circuitry is primarily
meant to prevent damage to the power supply circuitry
during fault conditions. The exact current level where the
limiting circuit begins to take effect will vary from unit to
unit as the RDS(ON) of Q1 varies. Typically, RDS(ON) varies
as much as
±40%, and with ±33% variation on the
LTC3832’s IMAX current, this can give a ±73% variation on
the current limit threshold.
The RDS(ON) is high if the VGS applied to the MOSFET is
low. This occurs during power up when PVCC1 is ramping
up. To prevent the high RDS(ON) from activating the current
limit, the LTC3832 will disable the current limit circuit if
PVCC1 is less than 2.5V above VCC. To ensure proper
operation of the current limit circuit, PVCC1 must be at
least 2.5V above VCC when G1 is high. PVCC1 can go low
when G1 is low, allowing the use of the external charge
pump to power PVCC1.
APPLICATIO S I FOR ATIO
Figure 4. Current Limit Setting
+
+
12
13
LTC3832
CC
12
µA
0.1
µF
Q2
COUT
3832 F04
CIN
VIN
VOUT
G2
IMAX
RIMAX
IFB
1k
+
Q1
LO
G1
Oscillator Frequency
The LTC3832 includes an onboard current controlled
oscillator that typically free-runs at 300kHz. The oscillator
frequency can be adjusted by forcing current into or out of
the FREQSET pin. With the pin floating, the oscillator runs
at about 300kHz. Every additional 1
µA of current into/out
of the FREQSET pin decreases/increases the frequency by
10kHz. The pin is internally servoed to 1.265V. The
frequency can be estimated as:
f
kHz
VV
R
kHz
A
EXT
FSET
=+
µ
300
1 265
10
1
.–
where RFSET is a frequency programming resistor con-
nected between FREQSET and the external voltage source
VEXT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com