Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3832 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3832
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3832 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3832 Datasheet HTML 10Page - Linear Technology LTC3832 Datasheet HTML 11Page - Linear Technology LTC3832 Datasheet HTML 12Page - Linear Technology LTC3832 Datasheet HTML 13Page - Linear Technology LTC3832 Datasheet HTML 14Page - Linear Technology LTC3832 Datasheet HTML 15Page - Linear Technology LTC3832 Datasheet HTML 16Page - Linear Technology LTC3832 Datasheet HTML 17Page - Linear Technology LTC3832 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC3832/LTC3832-1
sn3832 3832fs
Note that the required RDS(ON) for Q2 is roughly three
times that of Q1 in this example. Note also that while the
required RDS(ON) values suggest large MOSFETs, the
power dissipation numbers are only 0.83W per device or
less; large TO-220 packages and heat sinks are not neces-
sarily required in high efficiency applications. Siliconix
Si4410DY or International Rectifier IRF7413 (both in
SO-8) or Siliconix SUD50N03-10 (TO-252) or ON Semi-
conductor MTD20N03HDL (DPAK) are small footprint
surface mount devices with RDS(ON) values below 0.03Ω
at 5V of VGS that work well in LTC3832 circuits. Using a
higher PMAX value in the RDS(ON) calculations generally
decreases the MOSFET cost and the circuit efficiency and
increases the MOSFET heat sink requirements.
Table 1 highlights a variety of power MOSFETs for use in
LTC3832 applications.
Inductor Selection
The inductor is often the largest component in an LTC3832
design and must be chosen carefully. Choose the inductor
value and type based on output slew rate requirements. The
maximum rate of rise of inductor current is set by the
inductor’s value, the input-to-output voltage differential and
the LTC3832’s maximum duty cycle. In a typical 3.3V in-
put, 2.5V output application, the maximum rise time will be:
DC
V
V
LL
A
s
MAX
IN
OUT
OO
•(
)
.
=
µ
076
where LO is the inductor value in µH. With proper fre-
quency compensation, the combination of the inductor
and output capacitor values determine the transient recov-
ery time. In general, a smaller value inductor improves
transient response at the expense of ripple and inductor
core saturation rating. A 1
µH inductor has a 0.76A/µs rise
time in this application, resulting in a 6.6
µs delay in
responding to a 5A load current step. During this 6.6
µs,
the difference between the inductor current and the output
current is made up by the output capacitor. This action
causes a temporary voltage droop at the output. To
minimize this effect, the inductor value should usually be
in the 1
µH to 5µH range for most 3.3V input LTC3832
circuits. To optimize performance, different combinations
of input and output voltages and expected loads may
require different inductor values.
Once the required value is known, the inductor core type
can be chosen based on peak current and efficiency
APPLICATIO S I FOR ATIO
Table 1. Recommended MOSFETs for LTC3832 Applications
TYPICAL INPUT
RDS(ON)
CAPACITANCE
PARTS
AT 25
°C (mΩ)
RATED CURRENT (A)
CISS (pF)
θJC (°C/W)
TJMAX (°C)
Siliconix SUD50N03-10
19
15 at 25
°C
3200
1.8
175
TO-252
10 at 100
°C
Siliconix Si4410DY
20
10 at 25
°C
2700
150
SO-8
8 at 70
°C
ON Semiconductor MTD20N03HDL
35
20 at 25
°C
880
1.67
150
DPAK
16 at 100
°C
Fairchild FDS6670A
8
13 at 25
°C
3200
25
150
S0-8
Fairchild FDS6680
10
11.5 at 25
°C
2070
25
150
SO-8
ON Semiconductor MTB75N03HDL
9
75 at 25
°C
4025
1
150
DD PAK
59 at 100
°C
IR IRL3103S
19
64 at 25
°C
1600
1.4
175
DD PAK
45 at 100
°C
IR IRLZ44
28
50 at 25
°C
3300
1
175
TO-220
36 at 100
°C
Fuji 2SK1388
37
35 at 25
°C
1750
2.08
150
TO-220
Note: Please refer to the manufacturer’s data sheet for testing conditions and detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com