Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8775 Datasheet(PDF) 2 Page - Exar Corporation

Part # MP8775
Description  CMOS 20 MSPS, 8-Bit, High Speed Analog-to-Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8775 Datasheet(HTML) 2 Page - Exar Corporation

  MP8775 Datasheet HTML 1Page - Exar Corporation MP8775 Datasheet HTML 2Page - Exar Corporation MP8775 Datasheet HTML 3Page - Exar Corporation MP8775 Datasheet HTML 4Page - Exar Corporation MP8775 Datasheet HTML 5Page - Exar Corporation MP8775 Datasheet HTML 6Page - Exar Corporation MP8775 Datasheet HTML 7Page - Exar Corporation MP8775 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP8775
2
Rev. 3.01
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
DNL
(LSB)
SOIC
--40 to +85
°C
MP8775AS
INL
(LSB)
¦3/4
¦1 1/2
PDIP
--40 to +85
°C
MP8775AN
¦3/4
¦1 1/2
SSOP
--40 to +85
°C
MP8775AQ
¦3/4
¦1 1/2
PIN CONFIGURATIONS
See Packaging Section for
Package Dimensions
20 Pin SOIC (Jedec, 0.300”)
20 Pin SSOP
DGND
VRB
VRBS
AGND
VIN
AVDD
VRT
VRTS
DVDD
CLK
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7 (MSB)
DGND
DVDD
20
1
11
10
2
3
4
5
6
7
15
14
13
12
17
16
8
9
19
18
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DGND
VRB
VRBS
AGND
VIN
AVDD
VRT
VRTS
DVDD
CLK
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7 (MSB)
DGND
DVDD
20 Pin PDIP (0.300”)
PIN OUT DEFINITIONS
1
DGND
Digital Ground
2
DB0
Data Output Bit 0 (LSB)
3
DB1
Data Output Bit 1
4
DB2
Data Output Bit 2
5
DB3
Data Output Bit 3
6
DB4
Data Output Bit 4
7
DB5
Data Output Bit 5
8
DB6
Data Output Bit 6
9
DB7
Data Output Bit 7 (MSB)
10
DVDD
Digital Power Supply
PIN NO.
NAME
DESCRIPTION
11
CLK
Sample Clock
12
DVDD
Digital Power Supply
13
VRTS
Generates 2.6 V if tied to VRT
14
VRT
Top Reference
15
AVDD
Analog Power Supply
16
VIN
Analog Input
17
AGND
Analog Ground
18
VRBS
Generates 0.6 V if tied to VRB
19
VRB
Bottom Reference
20
DGND
Digital Ground
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com