Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8775 Datasheet(PDF) 1 Page - Exar Corporation

Part # MP8775
Description  CMOS 20 MSPS, 8-Bit, High Speed Analog-to-Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8775 Datasheet(HTML) 1 Page - Exar Corporation

  MP8775 Datasheet HTML 1Page - Exar Corporation MP8775 Datasheet HTML 2Page - Exar Corporation MP8775 Datasheet HTML 3Page - Exar Corporation MP8775 Datasheet HTML 4Page - Exar Corporation MP8775 Datasheet HTML 5Page - Exar Corporation MP8775 Datasheet HTML 6Page - Exar Corporation MP8775 Datasheet HTML 7Page - Exar Corporation MP8775 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP8775
Rev. 3.01
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 z (510) 668-7000 z (510) 668-7017
E
1999
CMOS
20 MSPS, 8-Bit, High Speed
Analog-to-Digital Converter
FEATURES
· 8-Bit Resolution
· 20 MHz Sampling Rate
· DNL = +1/2 LSB, INL = +1 LSB (typ)
· Internal S/H Function
· Single Supply: 5 V
· VIN DC Range: 0 V to VDD
· VREF DC Range: 1 V to VDD
· Low Power: 85 mW typ. (excluding reference)
· Latch-Up Free
· ESD Protection: 2000 V Minimum
· Power Down Available: MP8776
· 3 V Version: MP87L75
· Small 20 Pin SOIC Package
APPLICATIONS
· Digital Color Copiers
· Cellular Telephones
· CCD’s Based Systems
· Hardware Scanners
· Video Capture Boards
March 1999-4
GENERAL DESCRIPTION
The MP8775 is an 8-bit Analog-to-Digital Converter in a
small 20 pin SOIC package.
Designed using an
advanced 5 V CMOS process, this part offers excellent
performance, low power consumption and latch-up free
operation.
This device uses a two-step flash architecture to maintain
low power consumption at high conversion rates. The
input circuitry of the MP8775 includes an on-chip S/H
function and allows the user to digitize analog input
signals between GND and VDD. Careful design and chip
layout have achieved a low analog input capacitance.
This reduces “kickback” and eases the requirements of
the buffer/amplifier used to drive the MP8775.
The designer can choose the internally generated
reference voltages by connecting VRB to VRBS and VRT to
VRTS, or provide external reference voltages to the VRB
and VRT pins. The internal reference generates 0.6 V at
VRB and 2.6 V at VRT. Providing external reference
voltages allows easy interface to any input signal range
between GND and VDD. This also allows the system to
adjust these voltages to cancel zero scale and full scale
errors, or to change the input range as needed.
The device operates from a single +5 V supply. Power
consumption is 85 mW at Fs = 20 MHz.
Specified for operation over the commercial / industrial
(--40 to +85°C) temperature range, the MP8775 is
available in Surface Mount (SOIC), Shrunk Small Outline
(SSOP) and Plastic dual-in-line (PDIP) packages.
SIMPLIFIED BLOCK AND TIMING DIAGRAM
MSB
Comp.
LSB
Comp.
Latch
Latch
Encoder
+
Error
Correction
F/F
S/H
Clock Logic
AGND
DB7 (MSB)
DB0 (LSB)
CLK
VRBS
VRB
VRT
VRTS
VDD
DVDD
DGND
GND
AVDD
VIN
N
N-3
N-2
N-1
N
CLK
DB7-
DB0
Sample


Similar Part No. - MP8775

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8770 MPS-MP8770 Datasheet
1Mb / 23P
17V, 8A, 700kHz, High-Efficiency, Synchronous, Step-Down
MP8770GQ MPS-MP8770GQ Datasheet
1Mb / 23P
17V, 8A, 700kHz, High-Efficiency, Synchronous, Step-Down
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8771 MPS-MP8771 Datasheet
811Kb / 24P
18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
2/24/2020 Rev. 1.11
MP8771GQ MPS-MP8771GQ Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
More results

Similar Description - MP8775

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
8-bit high-speed analog-to-digital converter
June 1994
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
8-bit high-speed analog-to-digital converter
June 1994
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD6414 EXAR-XRD6414 Datasheet
204Kb / 16P
CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
MP8784 EXAR-MP8784 Datasheet
628Kb / 9P
CMOS 5 MSPS 10BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
logo
Exar Corporation
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com