Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADT7302ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7302ARMZ
Description  Accurate, Micropower Digital Accurate, Micropower Digital
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7302ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7302ARMZ Datasheet HTML 3Page - Analog Devices ADT7302ARMZ Datasheet HTML 4Page - Analog Devices ADT7302ARMZ Datasheet HTML 5Page - Analog Devices ADT7302ARMZ Datasheet HTML 6Page - Analog Devices ADT7302ARMZ Datasheet HTML 7Page - Analog Devices ADT7302ARMZ Datasheet HTML 8Page - Analog Devices ADT7302ARMZ Datasheet HTML 9Page - Analog Devices ADT7302ARMZ Datasheet HTML 10Page - Analog Devices ADT7302ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ADT7302
Rev. B | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
GND
1
DIN
2
VDD 3
DOUT
6
CS
5
SCLK
4
ADT7302
TOP VIEW
(Not to Scale)
Figure 4. SOT-23 Pin Configuration
NC
1
DOUT
2
CS
3
SCLK
4
NC
8
GND
7
DIN
6
VDD
5
NC = NO CONNECT
ADT7302
TOP VIEW
(Not to Scale)
Figure 5. MSOP Pin Configuration
Table 4. Pin Function Descriptions
SOT-23
Pin No.
MSOP
Pin No.
Mnemonic
Description
1
7
GND
Analog and Digital Ground.
2
6
DIN
Serial Data Input. Serial data to be loaded to the part’s control register is provided on this input.
Data is clocked into the control register on the rising edge of SCLK.
3
5
V
DD
Positive Supply Voltage, 2.7 V to 5.25 V.
4
4
SCLK
Serial Clock Input. This is the clock input for the serial port. The serial clock is used to clock data out
of the ADT7302’s temperature value register and to clock data into the ADT7302’s control register.
5
3
CS
Chip Select Input. Logic input. The device is selected when this input is low. The SCLK input is
disabled when this pin is high.
6
2
DOUT
Serial Data Output. Logic output. Data is clocked out of the temperature value register at this pin.
Data is clocked out on the falling edge of SCLK.
1, 8
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com