Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADT7302ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7302ARMZ
Description  Accurate, Micropower Digital Accurate, Micropower Digital
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7302ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADT7302ARMZ Datasheet HTML 1Page - Analog Devices ADT7302ARMZ Datasheet HTML 2Page - Analog Devices ADT7302ARMZ Datasheet HTML 3Page - Analog Devices ADT7302ARMZ Datasheet HTML 4Page - Analog Devices ADT7302ARMZ Datasheet HTML 5Page - Analog Devices ADT7302ARMZ Datasheet HTML 6Page - Analog Devices ADT7302ARMZ Datasheet HTML 7Page - Analog Devices ADT7302ARMZ Datasheet HTML 8Page - Analog Devices ADT7302ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
±2°C Accurate, Micropower Digital
Temperature Sensor
ADT7302
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2011 Analog Devices, Inc. All rights reserved.
FEATURES
13-bit temperature-to-digital converter
−40°C to +125°C operating temperature range
±2°C accuracy
0.03125°C temperature resolution
Shutdown current of 1 μA
Power dissipation of 0.631 mW at VDD = 3.3 V
SPI- and DSP-compatible serial interface
Shutdown mode
Space-saving SOT-23 and MSOP packages
Compatible with AD7814
APPLICATIONS
Medical equipment
Automotive
Environmental controls
Oil temperature
Hydraulic systems
Cell phones
Hard disk drives
Personal computers
Electronic test equipment
Office equipment
Domestic appliances
Process control
FUNCTIONAL BLOCK DIAGRAM
SERIAL
BUS
INTERFACE
ADT7302
VDD
SCLK
DIN
DOUT
GND
13-BIT
ANALOG/DIGITAL
CONVERTER
TEMPERATURE
VALUE
REGISTER
BAND GAP
TEMPERATURE
SENSOR
CS
Figure 1.
GENERAL DESCRIPTION
The ADT7302 is a complete temperature monitoring system
available in SOT-23 and MSOP packages. It contains a band gap
temperature sensor and a 13-bit ADC to monitor and digitize
the temperature reading to a resolution of 0.03125°C.
The ADT7302 has a flexible serial interface that allows easy
interfacing to most microcontrollers. The interface is compatible
with SPI®, QSPI™, and MICROWIRE™ protocols as well as DSPs.
The part features a standby mode that is controlled via the serial
interface.
The ADT7302’s wide supply voltage range, low supply current,
and SPI-compatible interface make it ideal for a variety of
applications, including PCs, office equipment, automotive, and
domestic appliances.
PRODUCT HIGHLIGHTS
1.
On-chip temperature sensor that allows an accurate
measurement of the ambient temperature. The measurable
temperature range is −40°C to +125°C.
2.
Supply voltage of 2.7 V to 5.25 V.
3.
Space-saving 6-lead SOT-23 and 8-lead MSOP packages.
4.
Maximum temperature accuracy of ±2°C.
5.
13-bit temperature reading to 0.03125°C resolution.
6.
Shutdown mode that reduces the power consumption to
4.88 μW with VDD = 3.3 V at 1 SPS.
7.
Compatible with AD7814.


Similar Part No. - ADT7302ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302ARMZ AD-ADT7302ARMZ Datasheet
230Kb / 14P
짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
ADT7302ARMZ AD-ADT7302ARMZ Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
ADT7302ARMZ-REEL AD-ADT7302ARMZ-REEL Datasheet
230Kb / 14P
짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
ADT7302ARMZ-REEL7 AD-ADT7302ARMZ-REEL7 Datasheet
230Kb / 14P
짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
ADT7302ARMZ-REEL7 AD-ADT7302ARMZ-REEL7 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
More results

Similar Description - ADT7302ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
짹0.5째C Accurate, 1.7V Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com