Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP9962M Datasheet(PDF) 3 Page - Advanced Power Technology

Part # AP9962M
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

AP9962M Datasheet(HTML) 3 Page - Advanced Power Technology

  AP9962M Datasheet HTML 1Page - Advanced Power Technology AP9962M Datasheet HTML 2Page - Advanced Power Technology AP9962M Datasheet HTML 3Page - Advanced Power Technology AP9962M Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP9962M
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
15
20
25
30
35
34
56
78
9
10
11
V GS (V)
I D =7 A
T C =25
o C
0
5
10
15
20
25
012345
V DS , Drain-to-Source Voltage (V)
T C =150
o C
8.0V
V G =3.0V
5.0V
10V
4.0V
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =7A
VG=10V
0
5
10
15
20
25
0123
456
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
8.0V
5.0V
4.0V
V G =3.0V
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
0
50
100
150
Junction Temperature (
o C )
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
V SD (V)
T j =25
o C
T j =150
o C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com