Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP9962M Datasheet(PDF) 4 Page - Advanced Power Technology

Part # AP9962M
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

AP9962M Datasheet(HTML) 4 Page - Advanced Power Technology

  AP9962M Datasheet HTML 1Page - Advanced Power Technology AP9962M Datasheet HTML 2Page - Advanced Power Technology AP9962M Datasheet HTML 3Page - Advanced Power Technology AP9962M Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Circuit
Fig 12. Gate Charge Circuit
AP9962M
0.01
0.1
1
10
100
0.1
1
10
100
V DS (V)
T c =25
o C
Single Pulse
1s
1ms
10ms
100ms
DC
10
100
1000
10000
1
5
9
13
17
21
25
29
VDS (V)
f=1.0MHz
Ciss
Crss
Coss
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
Q G , Total Gate Charge (nC)
V DS =20V
V DS =25V
V DS =32V
I D =7A
0.8x RATED VDS
TO THE
OSCILLOSCOPE
-
+
D
G
S
VDS
VGS
ID
I G
1~ 3 mA
0.5x RATED VDS
TO THE
OSCILLOSCOPE
-
+
10V
D
G
S
VDS
VGS
RG
RD
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
DUTY=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 135℃/W
t
T
0.02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com