Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAC7640 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAC7640
Description  Enhanced QE Global Shutter Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7640 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAC7640 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 13Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 14Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 15Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
PixArt Imaging Inc.
PAC7640 Product Datasheet
Enhanced QE Global Shutter Image Sensor
Version 1.1 | 11 Sep 2015 | 41002EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
4.2
Package Marking Identification
From package bottom view, the code marking printed in between ball row D to F and column 3 to 4 can be used to identify
datecode of production time.
Table 8. Code Identification
Code
Description
ABCD
AB = Datecode
CD = Reserved for PixArt reference
4.3
Sensor Array Overview
Table 9. Sensor Array Specification
Parameters
Symbol
Min.
Typ.
Max.
Unit
Notes
X Dimension
-
-
3421
-
μm
Y Dimension
-
-
3421
μm
Horizontal Array Count
-
-
400
-
pixel
Vertical Array Count
-
-
400
pixel
Pixel Size
-
-
3
-
μm
Package Body Thickness
-
-
-
675
μm
CSP Ball Height
-
-
-
160
μm
Shutter Efficiency
-
-
99.6
-
%
At 550 nm
-
-
99.5
-
%
At 940 nm
Sensitivity
-
-
7.5
-
V/lux-sec At 3100K (color temperature)
Quantum Efficiency
-
-
40.0
-
%
At 850 nm
-
-
18.2
-
%
At 940 nm
VDDAY
VPOS
VSSA
FOD_T
RI
SYS_
CLK
VDGND
A
1
2
3
4
5
6
VDD28
VDDRE
F_O
RESETB
FSYNC
RSV
I2C_
SCL
B
RSV
VDGND
VNEG
TEST1
TEST2
I2C_
SDA
C
RSV
VDD28
_MIPI
RSV
RSV
RSV
LED_
STRB
D
RSV
VCCTX
VDD15
_MIPI
VGND_
MIPI
VDD15
RSV
E
RSV
CLK_
TX_P
CLK_
TX_N
DATA_
TX_P
DATA_
TX_N
VDDIO
F
Top View (Bumps Down)
Sensor Array
1st pixel
readout
: image direction with lens mirror, flip
Figure 6. PAC7640LT CSP Package Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com