Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAC7640 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # PAC7640
Description  Enhanced QE Global Shutter Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7640 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button PAC7640 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 13Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 14Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 15Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 16Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 17Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
PixArt Imaging Inc.
PAC7640 Product Datasheet
Enhanced QE Global Shutter Image Sensor
Version 1.1 | 11 Sep 2015 | 41002EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Table 12. Bank-0 Registers Summary (Cont’d)
Address
Register Function
Access Default Address
Register Function
Access Default
0xBF
LDC coefficients
R/W
0x00
0xEC
I2C Broadcast address
R/W
0x40
0xC0
R/W
0x00
0xED
I2C Slave address
R/W
0x60
0xC1
R/W
0x00
0xF0
Intensity Histogram report zone0 ~
zone7
RO
-
0xC2
R/W
0x02
0xF1
RO
-
0xC3
R/W
0x01
0xF2
RO
-
0xC4
R/W
0x03
0xF3
RO
-
0xC5
R/W
0x03
0xF4
RO
-
0xC6
R/W
0x00
0xF5
RO
-
0xC7
R/W
0xFA
0xF6
RO
-
0xC8
R/W
0xF3
0xF7
RO
-
0xC9
R/W
0xEC
0xF8
RO
-
0xCA
R/W
0xE9
0xF9
RO
-
0xCB
R/W
0xE7
0xFA
RO
-
0xCC
R/W
0xE8
0xFB
RO
-
0xCD
R/W
0xE9
0xFC
RO
-
0xCE
R/W
0x22
0xFD
RO
-
0xCF
R/W
0x10
0xFE
RO
-
0xFF
RO
-
Table 13. Bank-1 Registers Summary
Switch to Register Bank-1 by writing 0x01 to Reg0x7F
Address Register Function
Access Default Address Register Function
Access Default
0x00
Image horizontal size [Stream/FOD]
R/W
0x8F
0x12
ABLC upper bound
R/W
0xFF
0x01
R/W
0x01
0x13
R/W
0x03
0x02
Image vertical size [Stream/FOD]
R/W
0x8F
0x28
Readout delay configuration
R/W
0x00
0x03
R/W
0x01
0x29
Readout delay period
R/W
0xE8
0x04
Image adjustment configuration
[Stream/FOD]
R/W
0x00
0x2A
R/W
0x03
0x05
R/W
0x00
0x68
Sensor black level
RO
-
0x06
Image start position [Stream/FOD]
R/W
0x04
0x69
RO
-
0x07
R/W
0x04
0x6A
Sensor power saving
R/W
0x10
0x08
R/W
0x00
0x80
Sensor setting update (_DB_
register activate)
R/W
0x00
0x09
LED strobe duration and offset control
[Stream/FOD]
R/W
0x00
0x84
AE/AG manual control
[Stream/FOD]
R/W
0x30
0x0A
R/W
0x00
0x85
Manual gain control [Stream/FOD]
R/W
0x00
0x0B
R/W
0x00
0x86
R/W
0x00
0x0C
R/W
0x00
0x88
Manual exposure time control
[Stream/FOD]
R/W
0xDD
0x0D
R/W
0x00
0x89
R/W
0xE3
0x0E
R/W
0x00
0x8A
R/W
0x00
0x0F
LED strobe configuration
[Stream/FOD]
R/W
0x10
0xBE
Frame time control [Stream/FOD]
R/W
0xEA
0x10
ABLC enable control
R/W
0xF1
0xBF
R/W
0x1E
0x11
ABLC configuration
R/W
0x00
0xC0
R/W
0x07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com