Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

K-LC6 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about K-LC6 Datasheet

  • # Example questions: ➢ What is the approximate maximum range achievable for detecting a moving car with the k-lc6 module, assuming a radar cross section of 1m²?
    ➢ What is the typical operating voltage for the vcc pin of the k-lc6 radar transceiver module?
    ➢ What feature allows the carrier frequency to be modulated, enabling ranging applications like fmcw or fsk, and what input pin is used to control this modulation?

  • Part No.K-LC6
    ManufacturerRFBEAM
    Size335 Kbytes
    Pages6 pages
    DescriptionRADAR TRANSCEIVER
    Datasheet Summary with AI

    Okay, here's a summary of the provided document, focusing on the key information from the RFbeam K-LC6 RADAR TRANSCEIVER datasheet:

    Overview:

    The document is a datasheet for the RFbeam K-LC6 RADAR TRANSCEIVER module. It's a compact, 24GHz radar module designed for applications like ranging, proximity detection, and movement sensing. It's particularly suited for FMCW (Frequency Modulated Continuous Wave) and FSK (Frequency Shift Keying) techniques.

    Key Features & Specifications:

    ️· Frequency: 24.125 GHz (transmit/receive)
    ️· Modulation: Supports FMCW and FSK. VCO input allows for frequency modulation.
    ️· IF Outputs: Provides both In-Phase (I) and Quadrature (Q) outputs for signal processing.
    ️· Sensitivity: -126 dBc (at 1kHz bandwidth) - indicates the minimum detectable signal.
    ️· Antenna: Integrated antenna with a narrow horizontal beamwidth (12°) and wider vertical beamwidth (80°).
    ️· Power Supply: 5V.
    ️· Dimensions: Compact size (detailed mechanical dimensions are included).
    ️· Range: Potential range up to 24m for a moving person and 62m for a moving car, but heavily dependent on signal processing, RCS, and environment. Potential range of >100m with high-resolution ADCs.

    Key Capabilities & Applications:

    ️· Ranging: The module is well-suited for distance measurement using FMCW techniques.

    ️· Motion Detection: Can detect moving objects based on Doppler shift.
    ️· Proximity Sensing: Can detect the presence of objects nearby.
    ️· FMCW & FSK: Compatible with both FMCW and FSK modulation schemes.

    Important Notes & Considerations:

    ️· Self-Mixing: FMCW operation can result in self-mixing effects (DC signal) due to signal leakage between Tx and Rx, which can require filtering or compensation.
    ️· RCS Variation: The Radar Cross Section (RCS) of objects varies significantly, affecting detection range.
    ️· Signal Processing: The performance of signal processing algorithms (filtering, FFT) is critical to achieving optimal range and accuracy.
    ️· Sensitivity: The datasheet provides the minimum signal it can detect.

    Resources:

    ️· Detailed mechanical dimensions and pin configuration are included.
    ️· Example FMCW signal outputs are shown.
    ️· RFbeam provides a "VCO-Lin" tool for calculating VCO linearity.

    In essence, the K-LC6 is a compact, versatile radar module designed for short- to medium-range sensing applications, particularly when using FMCW techniques.

    Overview:

    The document is a datasheet for the RFbeam K-LC6 RADAR TRANSCEIVER module. It's a compact, 24GHz radar module designed for applications like ranging, proximity detection, and movement sensing. It's particularly suited for FMCW (Frequency Modulated Continuous Wave) and FSK (Frequency Shift Keying) techniques.

    Key Features & Specifications:

    ️· Frequency: 24.125 GHz (transmit/receive)
    ️· Modulation: Supports FMCW and FSK. VCO input allows for frequency modulation.
    ️· IF Outputs: Provides both In-Phase (I) and Quadrature (Q) outputs for signal processing.
    ️· Sensitivity: -126 dBc (at 1kHz bandwidth) - indicates the minimum detectable signal.
    ️· Antenna: Integrated antenna with a narrow horizontal beamwidth (12°) and wider vertical beamwidth (80°).
    ️· Power Supply: 5V.
    ️· Dimensions: Compact size (detailed mechanical dimensions are included).
    ️· Range: Potential range up to 24m for a moving person and 62m for a moving car, but heavily dependent on signal processing, RCS, and environment. Potential range of >100m with high-resolution ADCs.

    Key Capabilities & Applications:

    ️· Ranging: The module is well-suited for distance measurement using FMCW techniques.
    ️· Motion Detection: Can detect moving objects based on Doppler shift.
    ️· Proximity Sensing: Can detect the presence of objects nearby.
    ️· FMCW & FSK: Compatible with both FMCW and FSK modulation schemes.

    Important Notes & Considerations:

    ️· Self-Mixing: FMCW operation can result in self-mixing effects (DC signal) due to signal leakage between Tx and Rx, which can require filtering or compensation.
    ️· RCS Variation: The Radar Cross Section (RCS) of objects varies significantly, affecting detection range.
    ️· Signal Processing: The performance of signal processing algorithms (filtering, FFT) is critical to achieving optimal range and accuracy.
    ️· Sensitivity: The datasheet provides the minimum signal it can detect.

    Resources:

    ️· Detailed mechanical dimensions and pin configuration are included.
    ️· Example FMCW signal outputs are shown.
    ️· RFbeam provides a "VCO-Lin" tool for calculating VCO linearity.

    In essence, the K-LC6 is a compact, versatile radar module designed for short- to medium-range sensing applications, particularly when using FMCW techniques.

    Part No.K-LC6
    ManufacturerRFBEAM
    Size335 Kbytes
    Pages6 pages
    DescriptionRADAR TRANSCEIVER
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com