Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

K-LC6 Datasheet(PDF) 4 Page - RFbeam Microwave GmbH

Part # K-LC6
Description  RADAR TRANSCEIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC6 Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

  K-LC6 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 5Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 6Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
K-LC6 RADAR TRANSCEIVER
Datasheet
FM Characteristics
Carrier frequency can be modulated by means of a voltage applied to the VCO input.
This feature can be used for ranging applications using FMCW ( see also Fig. 4) or FSK
techniques.
FMCW needs good linearity in the frequency ramp. RFbeam provides a downloadable tool
"VCO-Lin" that allows calculating the non-linearity using 3 known frequency versus VCO
voltage points.
Fig. 3: Typical Frequency vs. VCO voltage
Pin Configuration
Pin
Description
1
IF output Q
2
VCC
5V supply
3
IF output I
4
GND
0V supply
5
VCO in
1V .. 10V, open = 5V
Outline Dimensions
Fig. 4: Mechanical dimensions
© RFbeam Microwave GmbH www.rfbeam.ch
2012-04-25
Page 4/6
3 pins for fixation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com