Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

K-LC6 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # K-LC6
Description  RADAR TRANSCEIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC6 Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  K-LC6 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 5Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 6Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
K-LC6 RADAR TRANSCEIVER
Datasheet
Characteristics
Parameter
Conditions / Notes
Symbol
Min
Typ
Max
Unit
Operating conditions
Supply voltage
Vcc
4.75
5.0
5.25
V
Supply current
Icc
50
70
mA
VCO input voltage
Uvco
1
10
V
VCO pin resistance
Internal pullup 10k to 5V
Rvco
10k
Operating temperature
Top
-20
+80
°C
Storage temperature
Tst
-20
+80
°C
Transmitter
Transmitter frequency
UVCO= 5V, Tamb=-20°C .. +60°C
fTX
24.050
24.150
24.250
GHz
Frequency drift vs temp.
Vcc=5.0V, -20°C .. +60°C Note 1
∆ fTX
-1.0
MHz/°C
Frequency tuning range
∆ fvco
250
MHz
VCO sensitivity
Svco
25
MHz/V
VCO Modulation Bandwidth
∆f=20MHz
BVCO
10
MHz
Output power
EIRP
PTX
+16
+18
+20
dBm
Output power deviation
Full VCO tuning range
∆ PTX
+/- 1
dBm
Spurious emission
According to ETSI 300 440
Pspur
-30
dBm
Receiver
Antenna gain
FTX=24.125GHz Note 2
GAnt
12.5
dBi
LNA gain
FRX=24.125GHz
GLNA
10
dB
Mixer Conversion loss
fIF =500Hz
Dmixer
-6
dB
Receiver sensitivity
fIF =500Hz, B=1kHz, S/N=6dB
PRX
-108
dBm
Overall sensitivity
fIF =500Hz, B=1kHz, S/N=6dB
Dsystem
-126
dBc
IF output K-LC6
IF output impedance
RIF
50
I/Q amplitude balance
fIF =500Hz
∆UIF
3
dB
I/Q phase shift
fIF =500Hz
ϕ
80
90
100
°
IF frequency range
-3dB Bandwidth
fIF
0
50
MHz
IF noise voltage
fIF =500Hz
UIFnoise
45
nV/
√Hz
fIF =500Hz
UIFnoise
-147
dBV/Hz
IF output offset voltage
Uos
-0.2
+0.2
V
Supply rejection
Rejection supply pins to outputs, 500Hz
Dsupply
-26
dB
IF output K-LC6_V2
IF output impedance
RIF
100
IF Amplifier gain
Only present in version K-LC6_V2
GIF
20
dB
I/Q amplitude balance
fIF =500Hz
∆UIF
3
dB
I/Q phase shift
fIF =500Hz
ϕ
80
90
100
°
IF frequency range
-3dB Bandwidth
fIF
10
15k
Hz
IF noise voltage
fIF =500Hz
UIFnoise
450
nV/
√Hz
fIF =500Hz
UIFnoise
-127
dBV/Hz
IF output offset voltage
Uos
2.25
2.5
2.75
V
Supply rejection
Rejection supply pins to outputs, 500Hz
Dsupply
-26
dB
© RFbeam Microwave GmbH www.rfbeam.ch
2012-04-25
Page 2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com