Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

K-LC6 Datasheet(PDF) 3 Page - RFbeam Microwave GmbH

Part # K-LC6
Description  RADAR TRANSCEIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC6 Datasheet(HTML) 3 Page - RFbeam Microwave GmbH

  K-LC6 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 5Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 6Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K-LC6 RADAR TRANSCEIVER
Datasheet
Parameter
Conditions / Notes
Symbol
Min
Typ
Max
Unit
Antenna
Horizontal -3dB beamwidth
E-Plane
Wϕ
12
°
Vertical -3dB beamwidth
H-Plane
Wθ
80
°
Horiz. sidelobe suppression
Dϕ
-20
dB
Vert. sidelobe suppression
Dθ
-18
dB
Body
Outline Dimensions
connector left unconnected
mm3
Weight
6
g
Connector
5
pins
Note 1
Transmit frequency stays within 24.050 to 24.250GHz over the specified temperature range if VCO pin is left open
Note 2
Theoretical value, given by design
Do not touch open connector pins. RFbeam K-LC6 radar module is susceptible to
electrical discharge as long as it is not placed in the circuit.
Antenna System Diagram
This diagram shows module sensitivity (output voltage) in both azimuth and elevation directions. It
incorporates the transmitter and receiver antenna characteristics.
Please note: broad side of the module results in 12° narrow beam because of the 8 antenna elements.
Azimuth 12° , Elevation 80°
At IF output voltage -6dB,
corresponds to -3dB Tx power
Fig. 2: Antenna system diagram (logarithmic scale)
© RFbeam Microwave GmbH www.rfbeam.ch
2012-04-25
Page 3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com