| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CY25568 Datasheet
# Example questions:
➢ What logic levels are used for the 3-level digital inputs (s0, s1, d0, d1, and frsel)?
➢ If the input frequency (fin) is 20 mhz and frsel is set to 'm', what is the divider ratio (dr) and the resulting modulation rate (fmod)?
➢ How is the modulation rate (fmod) of the cy25568 calculated, and what factors influence it?
1. Overview & Functionality
️· Purpose: The CY25568 is a Spread Spectrum Clock Generator (SSCG). It distributes clock energy across a range of frequencies, improving EMI performance.
️· 3-Level Logic: The device utilizes 3-level digital logic ("0", "M" (middle), "1") to configure various settings, eliminating the need for external resistors.
2. Pin Functions & Configuration
️· S0, S1, D0, D1 (Digital Inputs): Configure the spread spectrum characteristics (Modulation Rate, Spread Percentage).
- Logic "0": Pin connected to ground (GND)
- Logic "M": Pin left floating (unconnected)
- Logic "1": Pin connected to VDD (power supply)
️· FRSEL (Frequency Select): Sets the input frequency range, influencing other parameters.
️· PD# (Power Down): An active-low input; connect to ground to disable the device.
️· Modulation Rate: The rate at which the clock frequency varies. Controlled by the input frequency and an internal divider ratio (DR).
3. Detailed Settings & Parameters
️· Spread Percentage: Determined by the S0, S1, D0, and D1 digital inputs, affecting the level of frequency spreading. (Table 7 provides specific values).
️· Modulation Rate (fmod): The period of the frequency modulation. Calculated as:
- `fmod = fin / DR`
■ `fin` is the Input Frequency
■ `DR` is the Divider Ratio (defined by FRSEL - see Table 10)
️· Frequency Range and Divider Ratio (DR): (Table 10)
| FRSEL | Input Frequency Range (MHz) | Divider Ratio (DR) |
|---|---|---|
| 0 | 4 - 8 | 128 |
| 1 | 8 - 16 | 256 |
| M | 16 - 32 | 512 |
1. Overview & Functionality
️· Purpose: The CY25568 is a Spread Spectrum Clock Generator (SSCG). It distributes clock energy across a range of frequencies, improving EMI performance.
️· 3-Level Logic: The device utilizes 3-level digital logic ("0", "M" (middle), "1") to configure various settings, eliminating the need for external resistors.
2. Pin Functions & Configuration
️· S0, S1, D0, D1 (Digital Inputs): Configure the spread spectrum characteristics (Modulation Rate, Spread Percentage).
- Logic "0": Pin connected to ground (GND)
- Logic "M": Pin left floating (unconnected)
- Logic "1": Pin connected to VDD (power supply)
️· FRSEL (Frequency Select): Sets the input frequency range, influencing other parameters.
️· PD# (Power Down): An active-low input; connect to ground to disable the device.
️· Modulation Rate: The rate at which the clock frequency varies. Controlled by the input frequency and an internal divider ratio (DR).
3. Detailed Settings & Parameters
️· Spread Percentage: Determined by the S0, S1, D0, and D1 digital inputs, affecting the level of frequency spreading. (Table 7 provides specific values).
️· Modulation Rate (fmod): The period of the frequency modulation. Calculated as:
- `fmod = fin / DR`
■ `fin` is the Input Frequency
■ `DR` is the Divider Ratio (defined by FRSEL - see Table 10)
️· Frequency Range and Divider Ratio (DR): (Table 10)
| FRSEL | Input Frequency Range (MHz) | Divider Ratio (DR) |
|---|---|---|
| 0 | 4 - 8 | 128 |
| 1 | 8 - 16 | 256 |
| M | 16 - 32 | 512 |
| Part No. | CY25568 |
| Manufacturer | CYPRESS |
| Size | 109 Kbytes |
| Pages | 12 pages |
| Description | Spread Spectrum Clock Generator |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |