Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CY25568 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY25568
Description  Spread Spectrum Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25568 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY25568 Datasheet HTML 4Page - Cypress Semiconductor CY25568 Datasheet HTML 5Page - Cypress Semiconductor CY25568 Datasheet HTML 6Page - Cypress Semiconductor CY25568 Datasheet HTML 7Page - Cypress Semiconductor CY25568 Datasheet HTML 8Page - Cypress Semiconductor CY25568 Datasheet HTML 9Page - Cypress Semiconductor CY25568 Datasheet HTML 10Page - Cypress Semiconductor CY25568 Datasheet HTML 11Page - Cypress Semiconductor CY25568 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY25568
Spread Spectrum Clock Generator
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07111 Rev. *A
06/21/01
Page 8 of 12
Approved Product
CHARACTERISTIC CURVES
The following curves demonstrate the characteristic behavior of the CY25568 when tested over a number of
environmental and application specific parameters. These are typical performance curves and are not meant to
replace any parameter specified in tables 3 and 4.
Figure 4A. Jitter vs. Input Frequency (No Load)
Figure 4B Bandwidth % vs. Temperature
Figure 4C. IDD vs. Frequency (FRSEL = 0, 1, M)
Figure 4D. Bandwidth % vs. VDD
0
100
200
300
400
500
600
4
8
12
16
20
24
28
32
Input Frequency (MHz)
1.75
2
2.25
2.5
2.75
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temp (C)
6.0 MHz
32.0 MHz
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
VDD (volts)
4.0 MHz
8.0 MHz
10
12
14
16
18
20
22
24
26
28
30
4
4.555.5
66.577.5
8
Frequency (MHz) no load, normalized to FRSEL = 0, (4 - 8 MHz).
FRSEL = 0
4 - 8 MHz
FRSEL = 1
8 - 16 MHz
FRSEL = M
16 - 32 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com