Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSTCC10.0MGA Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CSTCC10.0MGA Datasheet

  • # Example questions: ➢ What are the main differences between the st72334j/n, st72314j/n, and st72124j devices?
    ➢ Referring to the pin descriptions and diagrams, what package types are explicitly mentioned in the datasheet excerpt?
    ➢ What are the key new features available in the st72c334 compared to the st72e331?

  • Part No.CSTCC10.0MGA
    ManufacturerSTMICROELECTRONICS
    Size1Mb
    Pages153 pages
    Description8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
    Datasheet Summary with AI

    Okay, here's a summary of the provided text, focusing on key details and organizing them for clarity. This is essentially a breakdown of a microcontroller datasheet preamble and introductory sections.

    1. Microcontroller Families & Key Differences (ST72334J/N, ST72314J/N, ST72124J)

    ️· ST72334J/N: Mid-range, includes Data EEPROM, ADC, SPI, and SCI interfaces. Most feature-rich.
    ️· ST72314J/N: Similar to ST72334J/N, but *without* Data EEPROM.
    ️· ST72124J: Targeted for simpler applications, lacking both Data EEPROM and the ADC peripheral.

    2. ST72C334 vs. ST72E331 – New Features & Changes (Important for Upgrades/Replacements)

    ️· Memory: The 'C' versions (like ST72C334) use FLASH memory with In-Situ Programming and read-out protection.
    ️· ADC: The C334 version has an improved ADC with better accuracy and faster conversion times.
    ️· Clock/Reset/Supply: A new configurable system for clock, reset, and power supply.
    ️· Power Saving: Added Active Halt mode with a real-time base.
    ️· Beep: PF1 pin can be used for a beep function.
    ️· Security: Clock Security System (CSS) or Main Clock Controller (MCC) as new interrupt sources.
    ️· I/O Configuration Changes: Modifications to the pull-up/pull-down configuration of certain pins, providing more flexibility.
    ️· New Registers: Several new registers added to control and manage new peripherals and features in the ST72C334.

    3. Core Architecture & Features


    ️· 8-bit Core: Based on a standard 8-bit microcontroller core.
    ️· Enhanced Instruction Set: Supports bit manipulation, 8x8 multiplication, and indirect addressing.
    ️· Low Power Modes: Supports WAIT, SLOW, ACTIVE-HALT and HALT modes to minimize power consumption.

    4. Package & Pinout

    ️· The documentation includes diagrams showing the pinouts for both 64-pin TQFP and 56-pin SDIP packages.
    ️· Specific pin functions are listed and described.

    In essence: This is an introduction to a family of 8-bit microcontrollers, highlighting the differences between the models and the new features introduced in the 'C' versions, particularly the ST72C334. The document sets the stage for more detailed information on the architecture, peripherals, and specifications of these devices.

    1. Microcontroller Families & Key Differences (ST72334J/N, ST72314J/N, ST72124J)

    ️· ST72334J/N: Mid-range, includes Data EEPROM, ADC, SPI, and SCI interfaces. Most feature-rich.
    ️· ST72314J/N: Similar to ST72334J/N, but *without* Data EEPROM.
    ️· ST72124J: Targeted for simpler applications, lacking both Data EEPROM and the ADC peripheral.

    2. ST72C334 vs. ST72E331 – New Features & Changes (Important for Upgrades/Replacements)

    ️· Memory: The 'C' versions (like ST72C334) use FLASH memory with In-Situ Programming and read-out protection.
    ️· ADC: The C334 version has an improved ADC with better accuracy and faster conversion times.
    ️· Clock/Reset/Supply: A new configurable system for clock, reset, and power supply.
    ️· Power Saving: Added Active Halt mode with a real-time base.
    ️· Beep: PF1 pin can be used for a beep function.
    ️· Security: Clock Security System (CSS) or Main Clock Controller (MCC) as new interrupt sources.
    ️· I/O Configuration Changes: Modifications to the pull-up/pull-down configuration of certain pins, providing more flexibility.
    ️· New Registers: Several new registers added to control and manage new peripherals and features in the ST72C334.

    3. Core Architecture & Features

    ️· 8-bit Core: Based on a standard 8-bit microcontroller core.
    ️· Enhanced Instruction Set: Supports bit manipulation, 8x8 multiplication, and indirect addressing.
    ️· Low Power Modes: Supports WAIT, SLOW, ACTIVE-HALT and HALT modes to minimize power consumption.

    4. Package & Pinout

    ️· The documentation includes diagrams showing the pinouts for both 64-pin TQFP and 56-pin SDIP packages.
    ️· Specific pin functions are listed and described.

    In essence: This is an introduction to a family of 8-bit microcontrollers, highlighting the differences between the models and the new features introduced in the 'C' versions, particularly the ST72C334. The document sets the stage for more detailed information on the architecture, peripherals, and specifications of these devices.

    Part No.CSTCC10.0MGA
    ManufacturerSTMICROELECTRONICS
    Size1Mb
    Pages153 pages
    Description8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES