| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PSAPCN Datasheet
# Example questions:
➢ What are the two different screw terminal options available for the psapcn series, and how do their pin assignments differ?
➢ What is the operating temperature range for the psapcn series, and how does it affect performance?
➢ What are the key safety certifications and compliance standards that the psapcn series power supplies meet?
# PSAPCN Series 15W AC/DC Switching Power Supplies
## Features
· RoHS Compliant
· Isolation Class II
· 4000VAC I/O Isolation
· 15 Watts Output Power
· High Efficiency (up to 83%)
· Fully Encapsulated Plastic Case
· < 0.3W No Load Input Power
· 5V, 12V, 15V, and 24V Single Output Models
· PCB Mountable
· -40°C to +70°C Operating Temperature
· Universal Input: 90-264VAC (120-370VDC)
· Short Circuit, Over Power, and Over Voltage Protection
· Screw Terminal Options Available
· UL/cUL, CE, and CB Safety Approvals
## Description
· Encapsulated PCB mountable package.
· Dimensions: 2.17 x 1.77 x 0.81 inches (55.0 x 45.0 x 20.5 mm)
· Weight: 2.82oz (80g)
· Low ripple and noise.
## Model Selection Table
| Model Number | Input Voltage | Output Voltage | Output Current | Ripple & Noise | Output Power | Efficiency | Max Capacitive Load |
|---|---|---|---|---|---|---|---|
| PSAPCN-5S | 90-264 VAC (120-370 VDC) | 5 VDC | 3000mA | 100mVp-p | 15W | 78% | 1100µF |
| PSAPCN-12S | 90-264 VAC (120-370 VDC) | 12 VDC | 1250mA | 120mVp-p | 15W | 83% | 200µF |
| PSAPCN-15S | 90-264 VAC (120-370 VDC) | 15 VDC | 1000mA | 200mVp-p | 15W | 82% | 200µF |
| PSAPCN-24S | 90-264 VAC (120-370 VDC) | 24 VDC | 625mA | 200mVp-p | 15W | 83% | 47µF |
# PSAPCN Series 15W AC/DC Switching Power Supplies
## Features
· RoHS Compliant
· Isolation Class II
· 4000VAC I/O Isolation
· 15 Watts Output Power
· High Efficiency (up to 83%)
· Fully Encapsulated Plastic Case
· < 0.3W No Load Input Power
· 5V, 12V, 15V, and 24V Single Output Models
· PCB Mountable
· -40°C to +70°C Operating Temperature
· Universal Input: 90-264VAC (120-370VDC)
· Short Circuit, Over Power, and Over Voltage Protection
· Screw Terminal Options Available
· UL/cUL, CE, and CB Safety Approvals
## Description
· Encapsulated PCB mountable package.
· Dimensions: 2.17 x 1.77 x 0.81 inches (55.0 x 45.0 x 20.5 mm)
· Weight: 2.82oz (80g)
· Low ripple and noise.
## Model Selection Table
| Model Number | Input Voltage | Output Voltage | Output Current | Ripple & Noise | Output Power | Efficiency | Max Capacitive Load |
|---|---|---|---|---|---|---|---|
| PSAPCN-5S | 90-264 VAC (120-370 VDC) | 5 VDC | 3000mA | 100mVp-p | 15W | 78% | 1100µF |
| PSAPCN-12S | 90-264 VAC (120-370 VDC) | 12 VDC | 1250mA | 120mVp-p | 15W | 83% | 200µF |
| PSAPCN-15S | 90-264 VAC (120-370 VDC) | 15 VDC | 1000mA | 200mVp-p | 15W | 82% | 200µF |
| PSAPCN-24S | 90-264 VAC (120-370 VDC) | 24 VDC | 625mA | 200mVp-p | 15W | 83% | 47µF |
| Part No. | PSAPCN |
| Manufacturer | WALL |
| Size | 168 Kbytes |
| Pages | 6 pages |
| Description | 15 Watt AC/DC Switching Power Supplies |