Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAPCN Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAPCN
Description  15 Watt AC/DC Switching Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAPCN Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAPCN Datasheet HTML 1Page - Wall Industries,Inc. PSAPCN Datasheet HTML 2Page - Wall Industries,Inc. PSAPCN Datasheet HTML 3Page - Wall Industries,Inc. PSAPCN Datasheet HTML 4Page - Wall Industries,Inc. PSAPCN Datasheet HTML 5Page - Wall Industries,Inc. PSAPCN Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc.
Rev B
PSAPCN SERIES
15 Watt AC/DC Switching Power Supplies
05/16/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
FEATURES
RoHS Compliant
Isolation Class II
4000VAC I/O Isolation
15 Watts Output Power
High Efficiency up to 83%
Fully Encapsulated Plastic Case
< 0.3W No Load Input Power
5V, 12V, 15V, and 24V Single Output Models
PCB Mountable Switching Power Supply
-40°C to +70°C Operating Temperature Range
Universal Input Voltage Range: 90-264VAC (120-370VDC)
Short Circuit, Over Power, and Over Voltage Protection
Screw Terminal Mechanical Options Available
UL/cUL, CE, and CB Safety Approvals
DESCRIPTION
Size:
Weight:
2.17 x 1.77 x 0.81 inches
2.82oz (80g)
55.0 x 45.0 x 20.5 mm
The PSAPCN series of AC/DC power supplies provides 15 watts of output power in a 2.17” x 1.77” x
0.81” encapsulated PCB mountable package. This series consists of 5V, 12V, 15V, and 24V single
output models with a universal input range of 90-264VAC (120-370VDC). Some features include low
ripple and noise, -40°C to +70°C operating temperature range, and 4000VAC I/O isolation. This
series is also protected against over power, over voltage, and short circuit conditions. The PSAPCN
series has two types of screw terminal mechanical options available. All models are RoHS compliant
and have UL/cUL, CE, and CB safety approvals.
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage
Output Voltage
Min Load
Max Load
Ripple & Noise
Output Power
Efficiency
Maximum
Capacitive Load
PSAPCN-5S
5 VDC
0%
3000mA
100mVp-p
15W
78%
1100µF
PSAPCN-12S
12 VDC
0%
1250mA
120mVp-p
15W
83%
200µF
PSAPCN-15S
15 VDC
0%
1000mA
200mVp-p
15W
82%
200µF
PSAPCN-24S
90~264 VAC
(120~370 VDC)
24 VDC
0%
625mA
200mVp-p
15W
83%
47µF
NOTES
1. Screw terminal mechanical options available (see page 5). Please call factory for ordering details.
DERATING
Ambient Temperature vs Load
Input Voltage vs Load
120
100
80
60
40
20
0
-40
-20
0
20
40
50
60
70
80
Ambient Temperature (°C)
90 100 110
135
155
240
264
Input Voltage (VAC)
120
100
80
60
40
20
0


Similar Part No. - PSAPCN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAPC WALL-PSAPC Datasheet
171Kb / 3P
5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSAPC-12D WALL-PSAPC-12D Datasheet
171Kb / 3P
5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSAPC-12S WALL-PSAPC-12S Datasheet
171Kb / 3P
5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSAPC-15D WALL-PSAPC-15D Datasheet
171Kb / 3P
5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSAPC-15S WALL-PSAPC-15S Datasheet
171Kb / 3P
5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
More results

Similar Description - PSAPCN

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TOP100-12 TRUMPOWER-TOP100-12 Datasheet
124Kb / 2P
60-96 WATT AC/DC SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
PSAIC WALL-PSAIC Datasheet
413Kb / 4P
3 Watt AC/DC Switching Power Supplies
PSATCN WALL-PSATCN Datasheet
857Kb / 6P
15 Watt AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSGKF-200 WALL-PSGKF-200 Datasheet
130Kb / 4P
Watt AC/DC Switching Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
40 Watt Medical AC - DC Switching Power Supplies
logo
Artesyn Technologies
CPS253-M ARTESYN-CPS253-M Datasheet
2Mb / 7P
250 Watt AC-DC Power Supplies
CNS653-ME ARTESYN-CNS653-ME Datasheet
1Mb / 8P
650 Watt AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com