Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAPCN Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAPCN
Description  15 Watt AC/DC Switching Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAPCN Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAPCN Datasheet HTML 1Page - Wall Industries,Inc. PSAPCN Datasheet HTML 2Page - Wall Industries,Inc. PSAPCN Datasheet HTML 3Page - Wall Industries,Inc. PSAPCN Datasheet HTML 4Page - Wall Industries,Inc. PSAPCN Datasheet HTML 5Page - Wall Industries,Inc. PSAPCN Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Wall Industries, Inc.
Rev B
PSAPCN SERIES
15 Watt AC/DC Switching Power Supplies
05/16/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
EFFICIENCY VS LOAD CURVES
PSAPCN-5S
Input Voltage vs Efficiency
Load vs Efficiency
INPUT VOLTAGE (VAC)
50.0
52.5
55.0
57.5
60.0
62.5
65.0
67.5
70.0
72.5
75.0
77.5
80.0
82.5
85.0
90
115
180
230
264
LOAD (%)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
10
20
30
40
50
60
70
80
90
100
115VAC
230VAC
PSAPCN-12S
Input Voltage vs Efficiency
Load vs Efficiency
INPUT VOLTAGE (VAC)
90
115
180
230
264
50.0
52.5
55.0
57.5
60.0
62.5
65.0
67.5
70.0
72.5
75.0
77.5
80.0
82.5
85.0
115VAC
230VAC
LOAD (%)
10
20
30
40
50
60
70
80
90
100
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
PSAPCN-15S
Input Voltage vs Efficiency
Load vs Efficiency
INPUT VOLTAGE (VAC)
90
115
180
230
264
50.0
52.5
55.0
57.5
60.0
62.5
65.0
67.5
70.0
72.5
75.0
77.5
80.0
82.5
85.0
115VAC
230VAC
LOAD (%)
10
20
30
40
50
60
70
80
90
100
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com