Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAPCN Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSAPCN
Description  15 Watt AC/DC Switching Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAPCN Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSAPCN Datasheet HTML 1Page - Wall Industries,Inc. PSAPCN Datasheet HTML 2Page - Wall Industries,Inc. PSAPCN Datasheet HTML 3Page - Wall Industries,Inc. PSAPCN Datasheet HTML 4Page - Wall Industries,Inc. PSAPCN Datasheet HTML 5Page - Wall Industries,Inc. PSAPCN Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Wall Industries, Inc.
Rev B
PSAPCN SERIES
15 Watt AC/DC Switching Power Supplies
05/16/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 6
SCREW TERMINAL OPTIONS
PSAPCN-A2
PIN CONNECTIONS
PIN
ASSIGNMENT
1
NO CONNECT
2
AC IN (N)
3
AC IN (L)
4
NO CONNECT
5
-DC OUT
6
NO CONNECT
7
+DC OUT
8
NO CONNECT
0.22 (5.5)
3.39 (86.1)
3.78 (96.0)
1
2
3
4
5
6
7
8
Unit: inches (mm)
PSAPCN-A5
PIN CONNECTIONS
PIN
ASSIGNMENT
1
NO CONNECT
2
AC IN (N)
3
AC IN (L)
4
NO CONNECT
5
-DC OUT
6
NO CONNECT
7
+DC OUT
8
NO CONNECT
a
7.62
250V 15A
AWG 16~22
0.22 (5.5)
1
2
3
4
5
6
7
8
Unit: inches (mm)
3.39 (86.1)
3.78 (96.0)
3.94 (100.0)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com