| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PSATCN Datasheet
# Example questions:
➢ Besides the standard pinout, what are the pin assignments for the screw terminal options?
➢ What are the key safety certifications held by the psatcn series power supplies?
➢ What is the typical efficiency of the 5v psatcn model at a 50% load?
# PSATCN Series 15W AC/DC Switching Power Supplies
## Features
️· RoHS Compliant
️· Isolation Class II
️· 4000VAC I/O Isolation
️· 15 Watts Output Power
️· High Efficiency: Up to 83%
️· Fully Encapsulated Plastic Case
️· Low No-Load Input Power: < 0.3W
️· Available Output Voltages: 5V, 12V, 15V, 24V
️· PCB Mountable
️· Operating Temperature: -40°C to +70°C
️· Universal Input Voltage: 90-264VAC (120-370VDC)
️· Protections: Short Circuit, Over Power, Over Voltage
️· Screw Terminal Options Available
️· Safety Approvals: UL/cUL, CE, CB
## Description
️· Dimensions: 2.52 x 1.77 x 0.85 inches (64.0 x 45.0 x 21.5 mm)
️· Encapsulated PCB mountable power supply with 15W output.
️· Low ripple & noise.
## Model Selection
| Model Number | Output Voltage | Output Current | Max Capacitive Load | Efficiency |
|---|---|---|---|---|
| PSATCN-5S | 5 VDC | 3000mA | 1100μF | 78% |
| PSATCN-12S | 12 VDC | 1250mA | 200μF | 83% |
| PSATCN-15S | 15 VDC | 1000mA | 200μF | 82% |
| PSATCN-24S | 24 VDC | 625mA | 47μF | 83% |
# PSATCN Series 15W AC/DC Switching Power Supplies
## Features
️· RoHS Compliant
️· Isolation Class II
️· 4000VAC I/O Isolation
️· 15 Watts Output Power
️· High Efficiency: Up to 83%
️· Fully Encapsulated Plastic Case
️· Low No-Load Input Power: < 0.3W
️· Available Output Voltages: 5V, 12V, 15V, 24V
️· PCB Mountable
️· Operating Temperature: -40°C to +70°C
️· Universal Input Voltage: 90-264VAC (120-370VDC)
️· Protections: Short Circuit, Over Power, Over Voltage
️· Screw Terminal Options Available
️· Safety Approvals: UL/cUL, CE, CB
## Description
️· Dimensions: 2.52 x 1.77 x 0.85 inches (64.0 x 45.0 x 21.5 mm)
️· Encapsulated PCB mountable power supply with 15W output.
️· Low ripple & noise.
## Model Selection
| Model Number | Output Voltage | Output Current | Max Capacitive Load | Efficiency |
|---|---|---|---|---|
| PSATCN-5S | 5 VDC | 3000mA | 1100μF | 78% |
| PSATCN-12S | 12 VDC | 1250mA | 200μF | 83% |
| PSATCN-15S | 15 VDC | 1000mA | 200μF | 82% |
| PSATCN-24S | 24 VDC | 625mA | 47μF | 83% |
| Part No. | PSATCN |
| Manufacturer | WALL |
| Size | 857 Kbytes |
| Pages | 6 pages |
| Description | 15 Watt AC/DC Switching Power Supplies |