Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSATCN Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSATCN
Description  15 Watt AC/DC Switching Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSATCN Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSATCN Datasheet HTML 1Page - Wall Industries,Inc. PSATCN Datasheet HTML 2Page - Wall Industries,Inc. PSATCN Datasheet HTML 3Page - Wall Industries,Inc. PSATCN Datasheet HTML 4Page - Wall Industries,Inc. PSATCN Datasheet HTML 5Page - Wall Industries,Inc. PSATCN Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc.
Rev A
PSATCN SERIES
15 Watt AC/DC Switching Power Supplies
02/25/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
FEATURES
RoHS Compliant
Isolation Class II
4000VAC I/O Isolation
15 Watts Output Power
High Efficiency up to 83%
Fully Encapsulated Plastic Case
< 0.3W No Load Input Power
5V, 12V, 15V, and 24V Single Output Models
PCB Mountable Switching Power Supply
-40°C to +70°C Operating Temperature Range
Universal Input Voltage Range: 90-264VAC (120-370VDC)
Short Circuit, Over Power, and Over Voltage Protection
Screw Terminal Mechanical Options Available
UL/cUL, CE, and CB Safety Approvals
DESCRIPTION
Size:
2.52 x 1.77 x 0.85 inches
64.0 x 45.0 x 21.5 mm
The PSATCN series of AC/DC power supplies provides 15 watts of output power in a 2.52” x 1.77” x
0.85” encapsulated PCB mountable package. This series consists of 5V, 12V, 15V, and 24V single
output models with a universal input range of 90-264VAC (120-370VDC). Some features include low
ripple and noise, -40°C to +70°C operating temperature range, and 4000VAC I/O isolation. This
series is also protected against over power, over voltage, and short circuit conditions. The PSATCN
series has two types of screw terminal mechanical options available. All models are RoHS compliant
and have UL/cUL, CE, and CB safety approvals.
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage
Output Voltage
Min Load
Max Load
Ripple & Noise
Output Power
Efficiency
Maximum
Capacitive Load
PSATCN-5S
5 VDC
0%
3000mA
100mVp-p
15W
78%
1100μF
PSATCN-12S
12 VDC
0%
1250mA
120mVp-p
15W
83%
200μF
PSATCN-15S
15 VDC
0%
1000mA
200mVp-p
15W
82%
200μF
PSATCN-24S
90~264 VAC
(120~370 VDC)
24 VDC
0%
625mA
200mVp-p
15W
83%
47μF
NOTES
1. Screw terminal mechanical options available (see page 5). Please call factory for ordering details.
DERATING
120
100
80
60
40
20
0
-40
-20
0
20
40
50
60
70
80
Ambient Temperature (°C)
60%
90 100 110
135
155
240
264
Input Voltage (VAC)
120
100
80
60
40
20
0


Similar Part No. - PSATCN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSATC WALL-PSATC Datasheet
156Kb / 3P
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSATC WALL-PSATC Datasheet
526Kb / 5P
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
PSATC-12D WALL-PSATC-12D Datasheet
156Kb / 3P
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSATC-12D WALL-PSATC-12D Datasheet
526Kb / 5P
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
PSATC-12D-E1A2 WALL-PSATC-12D-E1A2 Datasheet
526Kb / 5P
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
More results

Similar Description - PSATCN

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TOP100-12 TRUMPOWER-TOP100-12 Datasheet
124Kb / 2P
60-96 WATT AC/DC SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
PSAIC WALL-PSAIC Datasheet
413Kb / 4P
3 Watt AC/DC Switching Power Supplies
PSAPCN WALL-PSAPCN Datasheet
168Kb / 6P
15 Watt AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSGKF-200 WALL-PSGKF-200 Datasheet
130Kb / 4P
Watt AC/DC Switching Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
40 Watt Medical AC - DC Switching Power Supplies
logo
Artesyn Technologies
CPS253-M ARTESYN-CPS253-M Datasheet
2Mb / 7P
250 Watt AC-DC Power Supplies
CNS653-ME ARTESYN-CNS653-ME Datasheet
1Mb / 8P
650 Watt AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com