Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSATCN Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSATCN
Description  15 Watt AC/DC Switching Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSATCN Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSATCN Datasheet HTML 1Page - Wall Industries,Inc. PSATCN Datasheet HTML 2Page - Wall Industries,Inc. PSATCN Datasheet HTML 3Page - Wall Industries,Inc. PSATCN Datasheet HTML 4Page - Wall Industries,Inc. PSATCN Datasheet HTML 5Page - Wall Industries,Inc. PSATCN Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wall Industries, Inc.
Rev A
PSATCN SERIES
15 Watt AC/DC Switching Power Supplies
02/25/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS: PSATCN SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
264
VAC
Input Voltage
DC input voltage range
120
370
VDC
Input Frequency
50/60
Hz
At 115VAC and full load
315
Input Current
At 230VAC and full load
195
mA
At 115VAC and cold start
15
Inrush Current
At 230VAC and cold start
30
A
No Load Input Power
0.3
W
External Fuse (recommended)
1.5A slow blow type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-2
+2
%
Line Regulation
Low Line to High Line
-0.5
+0.5
%
Load Regulation
10% - 100% full load
-1
+1
%
Output Power
15
W
Output Current
See Table
Minimum Load
0
%
Ripple & Noise (20MHz BW)
Measured with 0.1μF and 47μF capacitors in parallel
See Table
Max Capacitive Load
At 100~240VAC
See Table
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
Over Voltage Protection
Zener diode clamp
Over Power Protection
Hiccup technique, auto-recovery
GENERAL SPECIFICATIONS
Efficiency
Avg. efficiency at 230VAC and 25%, 50%, 75%, and 100% loads
See Table
Isolation Voltage (Input to Output)
4000
VAC
Leakage Current
At < 240VAC
0.25
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-40
+70
°C
Storage Temperature
-40
+85
°C
Humidity
95
% RH
Cooling
Free air convection
MTBF
25°C (MIL-HDBK-217F)
300,000
hours
PHYSICAL SPECIFICATIONS
Weight
3.25oz (92g)
Case Material
Plastic resin with fiberglass (Flammability to UL 94V-0)
Dimensions (L x W x H)
2.52 x 1.77 x 0.85 inches (64.0 x 45.0 x 21.5 mm)
SAFETY & EMC
Safety Approvals
UL/cUL, CE, CB
EMI (Conducted and Radiated Emissions)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com