Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSATCN Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSATCN
Description  15 Watt AC/DC Switching Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSATCN Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSATCN Datasheet HTML 1Page - Wall Industries,Inc. PSATCN Datasheet HTML 2Page - Wall Industries,Inc. PSATCN Datasheet HTML 3Page - Wall Industries,Inc. PSATCN Datasheet HTML 4Page - Wall Industries,Inc. PSATCN Datasheet HTML 5Page - Wall Industries,Inc. PSATCN Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Wall Industries, Inc.
Rev A
PSATCN SERIES
15 Watt AC/DC Switching Power Supplies
02/25/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
BLOCK DIAGRAM
O.C.P.
DETECT
+V
-V
L
N
Single Output
MECHANICAL DRAWING
1
2
2.52 (64.0)
2.13 (54.0)
0.85 (21.5)
0.16 (4.0)
0.31
(8.0)
0.04 (1.0)
Unit: inches (mm)
Tolerance: ±0.02” (±0.5mm)
PIN CONNECTIONS
PIN
ASSIGNMENT
1
AC IN (N)
2
AC IN (L)
3
-DC OUT
4
+DC OUT
3
4
0.24 (6.0)
TOP VIEW
EFFICIENCY VS LOAD CURVES
PSATCN-5S
Input Voltage vs Efficiency
Load vs Efficiency
INPUT VOLTAGE (VAC)
50.00%
52.50%
55.00%
57.50%
60.00%
62.50%
65.00%
67.50%
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
90
115
180
230
264
LOAD (%)
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com