Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TZ1746A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ1746A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ1746A
Download  TZ1746A Download
File Size   298.98 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49U DIP 2.4576MHz Crystal Unit

TZ1746A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ1746A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ1746A
Download  TZ1746A Click to download

File Size   298.98 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49U DIP 2.4576MHz Crystal Unit

TZ1746A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ1746A Product details

Features:
Good Frequency Perturbation and Stability over temperature

Description and Applications:
HC49U crystal unit for use in wireless telecommunications devices




Similar Part No. - TZ1746A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1741A TAI-SAW-TZ1741A Datasheet
436Kb / 7P
Crystal Unit SMD 3.2x2.5 19.2MHz
REV. NO.: 1
TZ1747A TAI-SAW-TZ1747A Datasheet
431Kb / 7P
Crystal Unit SMD 3.2x2.5 28.224MHz
REV. NO.: 1
More results


Similar Description - TZ1746A

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
QKT-HC49U KINGTRONICS-QKT-HC49U Datasheet
319Kb / 1P
QKT ??HC49U QUARTZ CRYSTAL
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1715A TAI-SAW-TZ1715A Datasheet
304Kb / 4P
HC49US DIP 24.576MHz Crystal Unit
REV. NO.: 1.0
TZ1866A TAI-SAW-TZ1866A Datasheet
79Kb / 5P
HC49US DIP 16MHz Crystal Unit
REV. NO.: 1.0
TZ1915A TAI-SAW-TZ1915A Datasheet
295Kb / 4P
HC49US DIP 25MHz Crystal Unit
REV. NO.: 1.0
TZ1945A TAI-SAW-TZ1945A Datasheet
210Kb / 4P
HC49US DIP 20MHz Crystal Unit
REV. NO.: 1.0
TZ1953A TAI-SAW-TZ1953A Datasheet
69Kb / 5P
HC49US DIP 3.579545MHz Crystal Unit
REV. NO.: 1.0
TZ1979A TAI-SAW-TZ1979A Datasheet
116Kb / 5P
HC49US DIP 48MHz Crystal Unit
REV. NO.: 1.0
TZ1981A TAI-SAW-TZ1981A Datasheet
296Kb / 4P
HC49U DIP 16MHz Crystal Unit
REV. NO.: 1.0
TZ2426A TAI-SAW-TZ2426A Datasheet
335Kb / 5P
Dip 6.0x2.0 32.768KHz Crystal Unit
REV. NO.: 1.0
TZ2430A TAI-SAW-TZ2430A Datasheet
71Kb / 5P
HC49U DIP 1.8432MHz Crystal Unit
REV. NO.: 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com