Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMSN3908 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSN3908 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSN3908
Download  FMSN3908 Download
File Size   718.57 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPI Frequency Synthesizer, 1 GHz to 6.4 GHz, 18 dBm Pout, 25 MHz Step Size, 100 MHz External Ref. Phase Noise -90 dBc/Hz, 5 Vdc, SMA

FMSN3908 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSN3908 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSN3908
Download  FMSN3908 Click to download

File Size   718.57 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SPI Frequency Synthesizer, 1 GHz to 6.4 GHz, 18 dBm Pout, 25 MHz Step Size, 100 MHz External Ref. Phase Noise -90 dBc/Hz, 5 Vdc, SMA

FMSN3908 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSN3908 Product details

Features
• SPI Frequency
• Synthesizer Module
• Frequency Range 1
• GHz to 6.4 GHz
• 25 MHz Output
• Freuqency Step Size
• 100 MHz External Reference
• Output Power > +18 dBm
• Spurious Rejection -62 dBc
• Phase Noise -90 dBc/
• Hz @ 1 kHz offset
• Hopping Time < 300 msec
• DC Bias +5V @ 200 mA
• Operational Temperature
• Range -40°C to +85°C
• Field Replaceable SMA
• Female Connectors
• Rugged and small Mil Grade
• Aluminum Package Design
• Designed to withstand Humidity
• exposure up to 95% max
• Applications:
• Signal Generators
• Test & Measurement
• Communication Systems
• EW Systems
• Radar Systems
• Frequency Conversion
• SIGINT
• Microwave Radio Systems
• Research & Development
• SATCOM
• FMSN3908
• DATA SHEET
• Load Impedance
• 50
• Ohms
• Field Replaceable
• Field Replaceable




Similar Part No. - FMSN3908

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSN3900 FAIRVIEW-FMSN3900 Datasheet
1Mb / 9P
USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 35 MHz to 4.4 GHz With SMA Output
REV 1.1
FMSN3901 FAIRVIEW-FMSN3901 Datasheet
1Mb / 8P
USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 25 MHz to 6 GHz With SMA Output
REV 1.0
FMSN3902 FAIRVIEW-FMSN3902 Datasheet
1Mb / 8P
USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 5 GHz to 10 GHz With SMA Output
REV 1.1
FMSN3903 FAIRVIEW-FMSN3903 Datasheet
1Mb / 7P
USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 10 GHz to 20 GHz With SMA Output
REV 1.0
FMSN3906 FAIRVIEW-FMSN3906 Datasheet
721Kb / 5P
SPI Frequency Synthesizer, 1 GHz to 6.4 GHz, 18 dBm Pout, 100 MHz Step Size, 100 MHz External Ref. Phase Noise -90 dBc/Hz, 5 Vdc, SMA
REV 1A
More results


Similar Description - FMSN3908

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3267 PASTERNACK-PE15A3267 Datasheet
374Kb / 3P
5 dB NF, 15 dBm P1dB, 100 MHz to 26.5 GHz, Low Noise
PE85N1010 PASTERNACK-PE85N1010 Datasheet
693Kb / 4P
SMA Amplified Noise Source Module, Output Pout of 10 dBm, 15 VDC, 0.1 MHz to 500 MHz
PE85N1011 PASTERNACK-PE85N1011 Datasheet
697Kb / 4P
SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 2 GHz
PE85N1012 PASTERNACK-PE85N1012 Datasheet
698Kb / 4P
SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 3 GHz
PE85N1013 PASTERNACK-PE85N1013 Datasheet
392Kb / 4P
SMA Amplified Noise Source Module, Output Pout of -14 dBm, 15 VDC, 10 MHz to 6 GHz
PE85N1017 PASTERNACK-PE85N1017 Datasheet
652Kb / 3P
SMA Calibrated Noise Source Bench Top, Output Pout of 0 dBm, 28 VDC, 1 MHz to 2 GHz
PE85N1018 PASTERNACK-PE85N1018 Datasheet
660Kb / 3P
SMA Calibrated Noise Source Bench Top, Output Pout of 0 dBm, 28 VDC, 10 MHz to 3 GHz
PE1V31004 PASTERNACK-PE1V31004 Datasheet
515Kb / 6P
Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and SMA
PE1V31005 PASTERNACK-PE1V31005 Datasheet
513Kb / 6P
Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and SMA
PE1V34001 PASTERNACK-PE1V34001 Datasheet
474Kb / 7P
Voltage Controlled Oscillator (VCO) From 5 GHz to 10 GHz, Phase Noise of -93 dBc/Hz and SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com