Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMX1013 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMX1013 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMX1013
Download  FMMX1013 Download
File Size   740.83 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Mixer from 0.5 MHz to 500 MHz with an IF Range from DC to 500 MHz and LO Power of 10 dBm

FMMX1013 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMX1013 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMX1013
Download  FMMX1013 Click to download

File Size   740.83 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Mixer from 0.5 MHz to 500 MHz with an IF Range from DC to 500 MHz and LO Power of 10 dBm

FMMX1013 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMX1013 Product details

Features
• Broadband Double
• Balanced Mixer Design
• LO & RF Frequency Range:
• 0.5 MHz to 500 MHz
• IF Frequency Range:
• DC to 500 MHz
• LO Drive Level Range:
• +7 dBm to +13 dBm
• Schottky Ring Quad Diodes with
• Optimized Balun Structures
• Conversion Loss: 6.8 dB typ
• High Port Isolations
• up to 65 dB typ
• Input IP3 Level: +15 dBm
• RF Input Up to +5 dBm
• SMA Connectors
• Operating Temperature
• Range: -40°C to +85°C
• Designed to Meet MIL-STD-202
• Environmental Test Conditions
• Applications:
• Electronic Warfare
• Point-to-Point Radios
• Point-to-Multipoint Radios
• VSAT
• Radar
• Space Systems
• Test Instrumentation




Similar Part No. - FMMX1013

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMX1010 FAIRVIEW-FMMX1010 Datasheet
618Kb / 4P
Field Replaceable 2.92mm Mixer from 24 GHz to 40 GHz with an IF Range from DC to 18 GHz and LO Power of 13 dBm
REV 1.1A
FMMX1014 FAIRVIEW-FMMX1014 Datasheet
587Kb / 5P
SMA Mixer from 5 MHz to 1 GHz with an IF Range from DC to 1 GHz and LO Power of 7 dBm
FMMX1015 FAIRVIEW-FMMX1015 Datasheet
738Kb / 4P
SMA Mixer from 10 MHz to 1 GHz with an IF Range from DC to 800 MHz and LO Power of 4 dBm
REV 1.1
FMMX1016 FAIRVIEW-FMMX1016 Datasheet
739Kb / 4P
SMA Mixer from 5 MHz to 1 GHz with an IF Range from DC to 1 GHz and LO Power of 13 dBm
REV 1.1
FMMX1017 FAIRVIEW-FMMX1017 Datasheet
738Kb / 4P
SMA Mixer from 10 MHz to 1.2 GHz with an IF Range from DC to 1.2 GHz and LO Power of 13 dBm
REV 1.1
More results


Similar Description - FMMX1013

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX05-1 MINI-ZX05-1 Datasheet
223Kb / 2P
Level 7 (LO Power 7 dBm) 0.5 to 500 MHz
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
logo
Analog Devices
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
logo
API Technologies Corp
MR141H APITECH-MR141H Datasheet
109Kb / 1P
RF/LO: 2.0 to 18.0 GHz IF: DC to 500 MHz
MR126L APITECH-MR126L Datasheet
109Kb / 1P
RF/LO: 1 to 18 GHz IF: DC to 500 MHz
MR126B APITECH-MR126B Datasheet
133Kb / 1P
RF/LO: 1 to18 GHz IF: DC to 500 MHz
logo
Pasternack Enterprises,...
PE8653 PASTERNACK-PE8653 Datasheet
225Kb / 3P
50 Ohm SMA Mixer Operating From 5 GHz to 18 GHz With an IF Range From DC to 4 GHz And LO Power of plus 10 dBm
PE2217-10 PASTERNACK-PE2217-10 Datasheet
213Kb / 3P
Dual Directional 10 dB SMA Coupler From 500 MHz to 1,000 MHz Rated To 10 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com