Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMX1017 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMX1017 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMX1017
Download  FMMX1017 Download
File Size   738.29 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Mixer from 10 MHz to 1.2 GHz with an IF Range from DC to 1.2 GHz and LO Power of 13 dBm

FMMX1017 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMX1017 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMX1017
Download  FMMX1017 Click to download

File Size   738.29 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Mixer from 10 MHz to 1.2 GHz with an IF Range from DC to 1.2 GHz and LO Power of 13 dBm

FMMX1017 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMX1017 Product details

Features
• Broadband Double
• Balanced Mixer Design
• High Linearity
• LO & RF Frequency Range:
• 10 MHz to 1200 MHz
• IF Frequency Range:
• DC to 1200 MHz
• LO Drive Level Range:
• +10 dBm to +16 dBm
• Schottky Ring Quad Diodes with
• Optimized Balun Structures
• Conversion Loss: 8 dB typ
• High Port Isolations
• up to 68 dB typ
• High Input IP3 Level: +22 dBm
• RF Input Up to +9 dBm
• SMA Connectors
• Operating Temperature
• Range: -40°C to +85°C
• Designed to Meet MIL-STD-202
• Environmental Test Conditions
• Applications:
• Electronic Warfare
• Point-to-Point Radios
• Point-to-Multipoint Radios
• VSAT
• Radar
• Space Systems




Similar Part No. - FMMX1017

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMX1010 FAIRVIEW-FMMX1010 Datasheet
618Kb / 4P
Field Replaceable 2.92mm Mixer from 24 GHz to 40 GHz with an IF Range from DC to 18 GHz and LO Power of 13 dBm
REV 1.1A
FMMX1013 FAIRVIEW-FMMX1013 Datasheet
740Kb / 4P
SMA Mixer from 0.5 MHz to 500 MHz with an IF Range from DC to 500 MHz and LO Power of 10 dBm
REV 1.1
FMMX1014 FAIRVIEW-FMMX1014 Datasheet
587Kb / 5P
SMA Mixer from 5 MHz to 1 GHz with an IF Range from DC to 1 GHz and LO Power of 7 dBm
FMMX1015 FAIRVIEW-FMMX1015 Datasheet
738Kb / 4P
SMA Mixer from 10 MHz to 1 GHz with an IF Range from DC to 800 MHz and LO Power of 4 dBm
REV 1.1
FMMX1016 FAIRVIEW-FMMX1016 Datasheet
739Kb / 4P
SMA Mixer from 5 MHz to 1 GHz with an IF Range from DC to 1 GHz and LO Power of 13 dBm
REV 1.1
More results


Similar Description - FMMX1017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8653 PASTERNACK-PE8653 Datasheet
225Kb / 3P
50 Ohm SMA Mixer Operating From 5 GHz to 18 GHz With an IF Range From DC to 4 GHz And LO Power of plus 10 dBm
PE12D1000 PASTERNACK-PE12D1000 Datasheet
400Kb / 4P
Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE12D1001 PASTERNACK-PE12D1001 Datasheet
699Kb / 4P
Waveguide Mixer Down Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE12D1002 PASTERNACK-PE12D1002 Datasheet
388Kb / 4P
Waveguide Mixer Down Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE12D1003 PASTERNACK-PE12D1003 Datasheet
389Kb / 4P
Waveguide Mixer Down Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE13U1000 PASTERNACK-PE13U1000 Datasheet
391Kb / 4P
Waveguide Mixer Up Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE13U1001 PASTERNACK-PE13U1001 Datasheet
391Kb / 4P
Waveguide Mixer Up Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE13U1005 PASTERNACK-PE13U1005 Datasheet
385Kb / 4P
Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of plus 13 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com