Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMX1016 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMX1016 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMX1016
Download  FMMX1016 Download
File Size   739.12 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Mixer from 5 MHz to 1 GHz with an IF Range from DC to 1 GHz and LO Power of 13 dBm

FMMX1016 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMX1016 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMX1016
Download  FMMX1016 Click to download

File Size   739.12 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Mixer from 5 MHz to 1 GHz with an IF Range from DC to 1 GHz and LO Power of 13 dBm

FMMX1016 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMX1016 Product details

Features
• Broadband Double
• Balanced Mixer Design
• High Linearity
• LO & RF Frequency Range:
• 5 MHz to 1000 MHz
• IF Frequency Range:
• DC to 1000 MHz
• LO Drive Level Range:
• +10 dBm to +16 dBm
• Schottky Ring Quad Diodes with
• Optimized Balun Structures
• Conversion Loss: 7 dB typ
• High Port Isolations
• up to 55 dB typ
• High Input IP3 Level: +22 dBm
• RF Input Up to +9 dBm
• SMA Connectors / Designed
• to Meet MIL-STD-202
• Environmental Test Conditions
• Applications:
• Electronic Warfare
• Point-to-Point Radios
• Point-to-Multipoint Radios
• VSAT
• Radar
• Space Systems
• Test Instrumentation
• Sensors




Similar Part No. - FMMX1016

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMX1010 FAIRVIEW-FMMX1010 Datasheet
618Kb / 4P
Field Replaceable 2.92mm Mixer from 24 GHz to 40 GHz with an IF Range from DC to 18 GHz and LO Power of 13 dBm
REV 1.1A
FMMX1013 FAIRVIEW-FMMX1013 Datasheet
740Kb / 4P
SMA Mixer from 0.5 MHz to 500 MHz with an IF Range from DC to 500 MHz and LO Power of 10 dBm
REV 1.1
FMMX1014 FAIRVIEW-FMMX1014 Datasheet
587Kb / 5P
SMA Mixer from 5 MHz to 1 GHz with an IF Range from DC to 1 GHz and LO Power of 7 dBm
FMMX1015 FAIRVIEW-FMMX1015 Datasheet
738Kb / 4P
SMA Mixer from 10 MHz to 1 GHz with an IF Range from DC to 800 MHz and LO Power of 4 dBm
REV 1.1
FMMX1017 FAIRVIEW-FMMX1017 Datasheet
738Kb / 4P
SMA Mixer from 10 MHz to 1.2 GHz with an IF Range from DC to 1.2 GHz and LO Power of 13 dBm
REV 1.1
More results


Similar Description - FMMX1016

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8653 PASTERNACK-PE8653 Datasheet
225Kb / 3P
50 Ohm SMA Mixer Operating From 5 GHz to 18 GHz With an IF Range From DC to 4 GHz And LO Power of plus 10 dBm
PE12D1000 PASTERNACK-PE12D1000 Datasheet
400Kb / 4P
Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE12D1001 PASTERNACK-PE12D1001 Datasheet
699Kb / 4P
Waveguide Mixer Down Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE12D1002 PASTERNACK-PE12D1002 Datasheet
388Kb / 4P
Waveguide Mixer Down Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE12D1003 PASTERNACK-PE12D1003 Datasheet
389Kb / 4P
Waveguide Mixer Down Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE13U1000 PASTERNACK-PE13U1000 Datasheet
391Kb / 4P
Waveguide Mixer Up Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE13U1001 PASTERNACK-PE13U1001 Datasheet
391Kb / 4P
Waveguide Mixer Up Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE13U1005 PASTERNACK-PE13U1005 Datasheet
385Kb / 4P
Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of plus 13 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com