| Electronic Components Datasheet Search |
|
MD Marking, EC76SMBJ26 Datasheet(PDF) 1 Page - E-CMOS Corporation |
|
||||||||||||||||||||||||||||||
EC76SMBJ26 Datasheet(HTML) 1 Page - E-CMOS Corporation |
|
1 / 6 page ![]() EC76SMBJxx Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V E-CMOS Corp. (www.ecmos.com.tw) Page 1 of 6 4L30N Rev.F001 Features ■ Plastic package has Underwriters Laboratory Flammability Classification 94V-0 ■ Low profile package with built-in strain relief for surface mounted applications ■ Glass passivated junction ■ Low incremental surge resistance, excellent clamping capability ■ 600W peak pulse power capability with a 10/1000us waveform, repetition rate (duty cycle): 0.01% ■ High temperature soldering guaranteed: ■ 250℃ /10 seconds at terminals Mechanical Date ■ Case: JEDEC DO-214AA(SMB J-Bend) molded plastic over passivated junction ■ Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 ■ Polarity: For unidirectional types the band denotes the cathode, which is positive with respect to the anode under normal TVS operation ■ Weight: 0.003oz., 0.093g Absolute Maximum Ratings (Ratings at 25℃ambient temperature unless otherwise specified.) Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 per Fig. 2. 2. Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal 3. Mounted on minimum recommended pad layout Parameter Symbol Value Unit Peak pulse power dissipation with a 10/1000 us waveform (1,2) (see Fig. 1) PPPM Minimum 600 W Peak pulse current with a 10/1000 us waveform (1) IPPM See Next Table A Peak forward surge current 8.3ms single half sine-wave uni-directional only (2) IFSM 100 A Typical thermal resistance, junction to ambient (4) RθJA 100 ℃/W Typical thermal resistance, junction to lead RθJL 20 ℃/W Operating junction and storage temperature range TJ,TSTG -55 to +150 ℃ EC76SMBJ5.0 thru 440 |
Similar Description - EC76SMBJ26 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |