| Electronic Components Datasheet Search |
|
MD Marking, EC76SMBJ26 Datasheet(PDF) 2 Page - E-CMOS Corporation |
|
||||||||||||||||||||||||||||||
EC76SMBJ26 Datasheet(HTML) 2 Page - E-CMOS Corporation |
|
2 / 6 page ![]() EC76SMBJxx Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V E-CMOS Corp. (www.ecmos.com.tw) Page 2 of 6 4L30N Rev.F001 Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=100A (uni-directional only) Device marking code Breakdown voltage V (BR) (Volts) (1) Device type UNI BI Min. Max. Test current at IT (mA) Stand-off voltage VWM (Volts) Maximum reverse leakage at VWM ID (uA) (3) Maximum peak pulse surge current IPPM (A) (2) Maximum clamping voltage at IPPM VC (Volts) EC76SMBJ5.0 KD AD 6.40 7.82 10 5.0 800 62.5 9.6 EC76SMBJ5.0A (5) KE AE 6.40 7.07 10 5.0 800 65.2 9.2 EC76SMBJ6.0 KF AF 6.67 8.15 10 6.0 800 52.6 11.4 EC76SMBJ6.0A KG AG 6.67 7.37 10 6.0 800 58.3 10.3 EC76SMBJ6.5 KH AH 7.22 8.82 10 6.5 500 48.8 12.3 EC76SMBJ6.5A KK AK 7.22 7.98 10 6.5 500 53.6 11.2 EC76SMBJ7.0 KL AL 7.78 9.51 10 7.0 200 45.1 13.3 EC76SMBJ7.0A KM AM 7.78 8.60 10 7.0 200 50.0 12.0 EC76SMBJ7.5 KN AN 8.33 10.2 1.0 7.5 100 42.0 14.3 EC76SMBJ7.5A KP AP 8.33 9.21 1.0 7.5 100 46.5 12.9 EC76SMBJ8.0 KQ AQ 8.89 10.9 1.0 8.0 50 40.0 15.0 EC76SMBJ8.0A KR AR 8.89 9.83 1.0 8.0 50 44.1 13.6 EC76SMBJ8.5 KS AS 9.44 11.5 1.0 8.5 20 37.7 15.9 EC76SMBJ8.5A KT AT 9.44 10.4 1.0 8.5 20 41.7 14.4 EC76SMBJ9.0 KU AU 10.0 12.2 1.0 9.0 10 35.5 16.9 EC76SMBJ9.0A KV AV 10.0 11.1 1.0 9.0 10 39.0 15.4 EC76SMBJ10 KW AW 11.1 13.6 1.0 10 5.0 31.9 18.8 EC76SMBJ10A KX AX 11.1 12.3 1.0 10 5.0 35.3 17.0 EC76SMBJ11 KY AY 12.2 14.9 1.0 11 5.0 29.9 20.1 EC76SMBJ11A KZ AZ 12.2 13.5 1.0 11 5.0 33.0 18.2 EC76SMBJ12 LD BD 13.3 16.3 1.0 12 5.0 27.3 22.0 EC76SMBJ12A LE BE 13.3 14.7 1.0 12 5.0 30.2 19.9 EC76SMBJ13 LF BF 14.4 17.6 1.0 13 1.0 25.2 23.8 EC76SMBJ13A LG BG 14.4 15.9 1.0 13 1.0 27.9 21.5 EC76SMBJ14 LH BH 15.6 19.1 1.0 14 1.0 23.3 25.8 EC76SMBJ14A LK BK 15.6 17.2 1.0 14 1.0 25.9 23.2 EC76SMBJ15 LL BL 16.7 20.4 1.0 15 1.0 22.3 26.9 EC76SMBJ15A LM BM 16.7 18.5 1.0 15 1.0 24.6 24.4 EC76SMBJ16 LN BN 17.8 21.8 1.0 16 1.0 20.8 28.8 EC76SMBJ16A LP BP 17.8 19.7 1.0 16 1.0 23.1 26.0 EC76SMBJ17 LQ BQ 18.9 23.1 1.0 17 1.0 19.7 30.5 EC76SMBJ17A LR BR 18.9 20.9 1.0 17 1.0 21.7 27.6 EC76SMBJ18 LS BS 20.0 24.4 1.0 18 1.0 18.6 32.2 EC76SMBJ18A LT BT 20.0 22.1 1.0 18 1.0 20.5 29.2 EC76SMBJ20 LU BU 22.2 27.1 1.0 20 1.0 16.8 35.8 EC76SMBJ20A LV BV 22.2 24.5 1.0 20 1.0 18.5 32.4 EC76SMBJ22 LW BW 24.4 29.8 1.0 22 1.0 15.2 39.4 EC76SMBJ22A LX BX 24.4 26.9 1.0 22 1.0 16.9 35.5 EC76SMBJ24 LY BY 26.7 32.6 1.0 24 1.0 14.0 43.0 EC76SMBJ24A LZ BZ 26.7 29.5 1.0 24 1.0 15.4 38.9 EC76SMBJ26 MD CD 28.9 35.3 1.0 26 1.0 12.9 46.6 EC76SMBJ26A ME CE 28.9 31.9 1.0 26 1.0 14.3 42.1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |