| Electronic Components Datasheet Search |
|
MD Marking, EC76SMBJ26 Datasheet(PDF) 4 Page - E-CMOS Corporation |
|
||||||||||||||||||||||||||||||
EC76SMBJ26 Datasheet(HTML) 4 Page - E-CMOS Corporation |
|
4 / 6 page ![]() EC76SMBJxx Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V E-CMOS Corp. (www.ecmos.com.tw) Page 4 of 6 4L30N Rev.F001 Device marking code Breakdown voltage V (BR) (Volts) (1) Device type UNI BI Min. Max. Test current at IT (mA) Stand-off voltage VWM (Volts) Maximum reverse leakage at VWM ID (uA) (3) Maximum peak pulse surge current IPPM (A) (2) Maximum clamping voltage at IPPM VC (Volts) EC76SMBJ170 PQ FQ 189 231 1.0 170 1.0 2.0 304 EC76SMBJ170A PR FR 189 209 1.0 170 1.0 2.2 275 EC76SMBJ180A PT FT 201 222 1.0 180 1.0 2.1 292 EC76SMBJ200A PV FV 224 247 1.0 200 1.0 1.9 324 EC76SMBJ220A PX FX 246 272 1.0 220 1.0 1.7 356 EC76SMBJ250A PZ FZ 279 309 1.0 250 1.0 1.5 405 EC76SMBJ300A QE GE 335 371 1.0 300 1.0 1.3 486 EC76SMBJ350A QG GG 391 432 1.0 350 1.0 1.1 567 EC76SMBJ400A QK GK 447 494 1.0 400 1.0 0.9 648 EC76SMBJ440A QM GM 492 543 1.0 440 1.0 0.9 713 Notes: 1. V(BR) measured after IT applied for 300us square wave pulse or equivalent 2. Surge current waveform per Fig. 3 and derate per Fig. 2 3. For bi-directional types having VWM of 10 Volts and less, the ID limit is doubled 4. All terms and symbols are consistent with ANSI/IEEE C62.35 5. For parts without A, the VBR is +10% |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |