Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC-EP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STWBC-EP
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STWBC-EP Datasheet HTML 6Page - STMicroelectronics STWBC-EP Datasheet HTML 7Page - STMicroelectronics STWBC-EP Datasheet HTML 8Page - STMicroelectronics STWBC-EP Datasheet HTML 9Page - STMicroelectronics STWBC-EP Datasheet HTML 10Page - STMicroelectronics STWBC-EP Datasheet HTML 11Page - STMicroelectronics STWBC-EP Datasheet HTML 12Page - STMicroelectronics STWBC-EP Datasheet HTML 13Page - STMicroelectronics STWBC-EP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
STWBC-EP pinout and pin description
STWBC-EP
10/32
DocID030747 Rev 1
Note:
The operative voltage of analog inputs (AI) ranges from 0 V to 1.2 V.
11
WAVE_SNS
AI
Symbol detector based on delta frequency
12
CURRENT_DEMOD
AI
Current demodulation
13
VDDA
PS
Analog power supply
14
VSSA
PS
Analog ground
15
TANK_VOLTAGE
AI
Analog input to measure the LC voltage (power
calculation)
16
VTARGET
AI
Boost voltage measurement
17
QFOD_ADC
AI
High sensitivity peak voltage detector used for
quality factor measurement
18
COIL_TEMP
AI
Analog input for temperature measurement. The
input is connected to external NTC biased to the
VDD_STWBC
19
ISENSE
AI
Analog input to measure the current flowing into the
power bridge
20
VMAIN
AI
Analog input to measure the main power supply
21
DCDC_DRV
DO
DCDC Boost PWM drive
22
DEMAGNET
DI
Transformer demagnetization sensing
23
SYMBOL_DETECT
DI
Voltage demodulation
24
DCDC_DAC
DO
Boost PWM output DAC (setting the CPP3
comparator voltage reference)
25
UPBL
DO
Output signal for HB high-side driver
26
DNBL_FB
DI
Hardware PWM feedback
27
SWIM
DIO
Digital I/O for Debug interface
28
NRST
DI
Reset input monitoring
29
VDD
PS
Digital and I/O power supply
30
VSS
PS
Digital and I/O ground
31
VOUT
Supply
Internal LDO output
32
UART_TX
DO
UART TX link on USB debug connector
Table 2. Pinout description (continued)
Pin number
Pin name
Pin type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com