Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC-EP Datasheet(PDF) 28 Page - STMicroelectronics

Part # STWBC-EP
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STWBC-EP Datasheet HTML 24Page - STMicroelectronics STWBC-EP Datasheet HTML 25Page - STMicroelectronics STWBC-EP Datasheet HTML 26Page - STMicroelectronics STWBC-EP Datasheet HTML 27Page - STMicroelectronics STWBC-EP Datasheet HTML 28Page - STMicroelectronics STWBC-EP Datasheet HTML 29Page - STMicroelectronics STWBC-EP Datasheet HTML 30Page - STMicroelectronics STWBC-EP Datasheet HTML 31Page - STMicroelectronics STWBC-EP Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Thermal characteristics
STWBC-EP
28/32
DocID030747 Rev 1
7
Thermal characteristics
The STWBC-EP functionality cannot be guaranteed when the device is operating under the
maximum chip junction temperature (TJmax).
TJmax, in degrees Celsius, may be calculated using the following equation:
TJmax = TAmax + (PDmax x JA)
where:
TAmax is the maximum ambient temperature in °C.
ΘJA is the package junction to ambient thermal resistance in °C/W.
PDmax is the sum of PINTmax and PI/Omax (PDmax = PINTmax + PI/Omax).
PINTmax is the product of IDD and VDD, expressed in Watts. This is the maximum chip
internal power.
PI/Omax represents the maximum power dissipation on output pins where:
PI/Omax =  (VOL * IOL) + [(VDD - VOH) * IOH], taking into account the actual VOL/IOL and
VOH/IOH of the I/Os at the low and high level.
Table 15. Thermal characteristics
Symbol
Parameter
Value
Unit
JA
Thermal resistance junction ambient(1)
1. Thermal resistances are based on JEDEC JESD51-2 with the 4-layer PCB in a natural convection
environment.
26
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com