Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC-EP Datasheet(PDF) 11 Page - STMicroelectronics

Part # STWBC-EP
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STWBC-EP Datasheet HTML 7Page - STMicroelectronics STWBC-EP Datasheet HTML 8Page - STMicroelectronics STWBC-EP Datasheet HTML 9Page - STMicroelectronics STWBC-EP Datasheet HTML 10Page - STMicroelectronics STWBC-EP Datasheet HTML 11Page - STMicroelectronics STWBC-EP Datasheet HTML 12Page - STMicroelectronics STWBC-EP Datasheet HTML 13Page - STMicroelectronics STWBC-EP Datasheet HTML 14Page - STMicroelectronics STWBC-EP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DocID030747 Rev 1
11/32
STWBC-EP
Pins functional description
32
5
Pins functional description
This section describes the functions related to the pins of the device.
5.1
Power supplies: VDD, VDDA, VSS, VSSA, VOUT
The digital portion of the STWBC-EP is powered using VDD and VSS (typically 4.5 V).
The analog portion of the STWBC-EP is powered using VDDA and VSSA (typically 4.5 V).
VDD and VDDA should be correctly filtered to allow the correct operation of the device.
The STWBC-EP generates its own internal power supply which needs a filter capacitor
of 1 μF on the VOUT pin.
5.2
DC/DC converter: DCDC_DRV, DCDC_DAC, CMP_OUT_V,
CS_CMP, DCDC_DAC_REF, DEMAGNET, VTARGET
The STWBC-EP is designed to drive a DC/DC boost converter placed in front of the half
bridge coil driver. The DC/DC power switch (external NMOS) is driven by the DCDC_DRV
pin through an output buffer.
The DC/DC inductor charging current is monitored using a sense resistor. The sense
resistor has to be connected to the CS_CMP pin so that the STWBC-EP can detect the
current flowing into the inductor.
The DC/DC converter loop compares a reference target voltage applied on the
DCDC_DAC_REF pin with the feedback voltage connected to the CMP_OUT_V pin. The
CMP_OUT_V signal is a partition of the DC/DC output voltage.
The DCDC_DAC_REF reference voltage is variable in order to adjust the DC/DC output
voltage depending on wireless power solution requirements. The DCDC_DAC_REF is
generated by filtering the PWM signal present on the DCDC_DAC pin. A second order
passive filter is required.
The DC/DC output voltage is monitored by the STWBC-EP using the VTARGET pin. The
VTARGET should be generated as a partition of the DCDC output voltage.
In order to enhance the efficiency at the medium and low load, the DC/DC converter can
operate in the quasi-resonant mode. To do so, the STWBC-EP monitors the
demagnetization of the inductor using the DEMAGNET pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com